Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GD32H757ZMT7 Fiches technique(PDF) 40 Page - GigaDevice Semiconductor (Beijing) Inc.

No de pièce GD32H757ZMT7
Description  Arm® Cortex®-M7 32-bit MCU
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Site Internet  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32H757ZMT7 Fiches technique(HTML) 40 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32H757ZMT7 Datasheet HTML 36Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 37Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 38Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 39Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 40Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 41Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 42Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 43Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 44Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 151 page
background image
GD32H757xx Datasheet
39
LQFP100
Pin Name
Pins
Pin
Type(1)
I/O
Level(2)
Functions description
Alternate: TIMER4_ETI, SPI0_NSS, I2S0_WS, SPI2_NSS,
I2S2_WS, USART1_CK, SPI5_NSS, I2S5_WS, EXMC_D8,
DCI_HSYNC, TLI_VSYNC, EVENTOUT
Additional: ADC01_IN18, DAC0_OUT0
PA5
29
I/O
Default: PA5
Alternate: TIMER1_CH0, TIMER1_ETI, TIMER7_MCH0,
SPI0_SCK, I2S0_CK, SPI5_SCK, I2S5_CK,
USBHS0_ULPI_CK, MDIO_A0, EXMC_D9, TLI_R4,
EVENTOUT
Additional: ADC01_IN19, DAC0_OUT1
PA6
30
I/O
Default: PA6
Alternate: TIMER0_BRKIN0, TIMER2_CH0,
TIMER7_BRKIN0, SPI0_MISO, OSPIM_P0_IO3,
SPI5_MISO, CMP_MUX_OUT0, MDIO_MDC, DCI_PIXCLK,
TLI_G2, EVENTOUT
Additional: ADC01_IN3
PA7
31
I/O
Default: PA7
Alternate: TIMER0_MCH0, TIMER2_CH1, TIMER7_MCH0,
SPI0_MOSI, I2S0_SD, SPI5_MOSI, I2S5_SD,
OSPIM_P0_IO2, ETH0_RMII_CRS_DV, EXMC_SDNWE,
TRIGSEL_IN5, TLI_VSYNC, EVENTOUT
Additional: ADC01_IN7
PC4
32
I/O
Default: PC4
Alternate: PMU_DEEPSLEEP, EXMC_A22, HPDF_CKIN2,
I2S0_MCK, TIMER41_CH0, RSPDIF_CH2, SDIO1_CKIN,
ETH0_RMII_RXD0, EXMC_SDNE0, TLI_R7, EVENTOUT
Additional: ADC01_IN4, CMP0_IM7
PC5
33
I/O
Default: PC5
Alternate: PMU_SLEEP, SAI0_DAT2, HPDF_DATAIN2,
TIMER41_MCH0, RSPDIF_CH3, ETH0_RMII_RXD1,
EXMC_SDCKE0, CMP0_OUT, TLI_DE, EVENTOUT
Additional: ADC01_IN8
PB0
34
I/O
Default: PB0
Alternate: TIMER0_MCH1, TIMER2_CH2, TIMER7_MCH1,
OSPIM_P0_IO1, HPDF_CKOUT, UART3_CTS, TLI_R3,
USBHS0_ULPI_D1, MDIO_A1, TRIGSEL_OUT3, TLI_G1,
EVENTOUT
Additional: ADC01_IN9, CMP0_IP0
PB1
35
I/O
Default: PB1
Alternate: TIMER0_MCH2, TIMER2_CH3, TIMER7_MCH2,
OSPIM_P0_IO0, HPDF_DATAIN1, TLI_R6,
USBHS0_ULPI_D2, MDIO_A2, TRIGSEL_OUT4, TLI_G0,
EVENTOUT
Additional: ADC01_IN5, CMP0_IM6
PB2
36
I/O
Default: PB2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More