Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GD32H757ZMT7 Fiches technique(PDF) 39 Page - GigaDevice Semiconductor (Beijing) Inc.

No de pièce GD32H757ZMT7
Description  Arm® Cortex®-M7 32-bit MCU
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Site Internet  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32H757ZMT7 Fiches technique(HTML) 39 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32H757ZMT7 Datasheet HTML 35Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 36Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 37Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 38Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 39Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 40Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 41Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 42Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 43Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 151 page
background image
GD32H757xx Datasheet
38
LQFP100
Pin Name
Pins
Pin
Type(1)
I/O
Level(2)
Functions description
USBHS0_ULPI_STP, TLI_G2, EXMC_SDNWE,
TRIGSEL_IN8, TLI_R5, EVENTOUT
Additional: ADC012_IN10
PC1
16
I/O
Default: PC1
Alternate: TRACED0 , SAI0_DAT0, HPDF_DATAIN0,
HPDF_CKIN4, SPI1_MOSI, I2S1_SD, SAI0_SD0,
TIMER40_MCH0, SDIO1_CK, OSPIM_P0_IO4, ETH0_MDC,
MDIO_MDC, TRIGSEL_IN9, TLI_G5, EVENTOUT
Additional: ADC012_IN11, RTC_TAMP2, WKUP5
PC2_C
17
I/O
Default: PC2_C(4)
Additional: ADC2_IN0
PC3_C
18
I/O
Default: PC3_C(4)
Additional: ADC2_IN1
VSSA
19
P
-
Default: VSSA
VREFP
20
P
-
Default: VREFP
VDDA
21
P
-
Default: VDDA
PA0
22
I/O
Default: PA0
Alternate: TIMER1_CH0, TIMER1_ETI, TIMER4_CH0,
TIMER7_ETI, TIMER14_BRKIN0, SPI5_NSS, I2S5_WS,
OSPIM_P0_IO6, USART1_CTS, UART3_TX, SDIO1_CMD,
SAI1_SD1, EXMC_A19, TRIGSEL_IN0
, EVENTOUT
Additional: ADC0_IN16, WKUP0
PA1
23
I/O
Default: PA1
Alternate: TIMER1_CH1, TIMER4_CH1, TIMER14_MCH0,
USART1_RTS, USART1_DE, UART3_RX, OSPIM_P0_IO3,
SAI1_MCLK1, ETH0_RMII_REF_CLK, TRIGSEL_IN1,
TLI_R2, EVENTOUT
Additional: ADC0_IN17
PA2
24
I/O
Default: PA2
Alternate: TIMER1_CH2, TIMER4_CH2, TIMER14_CH0,
OSPIM_P0_IO0, USART1_TX, SAI1_SCK1, ETH0_MDIO,
MDIO, TRIGSEL_IN7
, TLI_R1, EVENTOUT
Additional: ADC01_IN14, WKUP1
PA3
25
I/O
Default: PA3
Alternate: TIMER1_CH3, TIMER4_CH3, TIMER14_CH1,
I2S5_MCK, OSPIM_P0_IO2, USART1_RX, TLI_B2,
USBHS0_ULPI_D0, OSPIM_P0_SCK, TRIGSEL_IN4,
TLI_B5, EVENTOUT
Additional: ADC01_IN15
VSS
26
P
-
Default: VSS
VDD
27
P
-
Default: VDD
PA4
28
I/O
Default: PA4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More