Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GD32H757ZMT7 Fiches technique(PDF) 45 Page - GigaDevice Semiconductor (Beijing) Inc.

No de pièce GD32H757ZMT7
Description  Arm® Cortex®-M7 32-bit MCU
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Site Internet  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32H757ZMT7 Fiches technique(HTML) 45 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32H757ZMT7 Datasheet HTML 41Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 42Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 43Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 44Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 45Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 46Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 47Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 48Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 49Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 151 page
background image
GD32H757xx Datasheet
44
LQFP100
Pin Name
Pins
Pin
Type(1)
I/O
Level(2)
Functions description
EXMC_NWE, EVENTOUT
PD6
87
I/O
Default: PD6
Alternate: SAI1_DAT0, SAI0_DAT0, HPDF_CKIN4,
HPDF_DATAIN1, SPI2_MOSI, I2S2_SD, SAI0_SD0,
USART1_RX, OSPIM_P0_IO6, SDIO1_CK, EXMC_NWAIT,
DCI_D10, TLI_B2, EVENTOUT
PD7
88
I/O
Default: PD7
Alternate: HPDF_DATAIN4, SPI0_MOSI, I2S0_SD,
HPDF_CKIN1, USART1_CK, RSPDIF_CH0,
OSPIM_P0_IO7, SDIO1_CMD, EXMC_NE0, EXMC_NCE,
EVENTOUT
PB3
89
I/O
Default: JTDO, PB3
Alternate: TRACESWO, TIMER1_CH1, TLI_PIXCLK,
SPI0_SCK, I2S0_CK, SPI2_SCK, I2S2_CK, SPI5_SCK,
I2S5_CK, SDIO1_D2, CTC_SYNC, UART6_RX, MDIO_A4,
TRIGSEL_OUT7, TIMER23_ETI, EVENTOUT
PB4
90
I/O
Default: NJTRST, PB4
Alternate: TIMER15_BRKIN0, TIMER2_CH0, SPI0_MISO,
SPI2_MISO, SPI1_NSS, I2S1_WS, SPI5_MISO, SDIO1_D3,
UART6_TX, TRIGSEL_OUT6, EVENTOUT
PB5
91
I/O
Default: PB5
Alternate: TIMER16_BRKIN0, TIMER2_CH1, TLI_B5,
I2C0_SMBA, SPI0_MOSI, I2S0_SD, I2C3_SMBA,
SPI2_MOSI, I2S2_SD, SPI5_MOSI, I2S5_SD, CAN1_RX,
USBHS0_ULPI_D7, ETH0_PPS_OUT, EXMC_SDCKE1,
DCI_D10, UART4_RX, EVENTOUT
PB6
92
I/O
Default: PB6
Alternate: TIMER15_MCH0, TIMER3_CH0, EXMC_D11,
I2C0_SCL, I2C3_SCL, USART0_TX, CAN1_TX,
OSPIM_P0_CSN, HPDF_DATAIN5, EXMC_SDNE1,
DCI_D5, UART4_TX, EVENTOUT
PB7
93
I/O
Default: PB7
Alternate: TIMER16_MCH0, TIMER3_CH1, I2C0_SDA,
I2C3_SDA, USART0_RX, HPDF_CKIN5,
EXMC_NL/EXMC_NADV, DCI_VSYNC, EVENTOUT
Additional: LVD_IN
BOOT
94
I/O
Default: BOOT
PB8
95
I/O
Default: PB8
Alternate: TIMER15_CH0, TIMER3_CH2, HPDF_CKIN7,
I2C0_SCL, I2C3_SCL, SDIO0_CKIN, UART3_RX,
CAN0_RX, SDIO1_D4, SDIO0_D4, DCI_D6, TLI_B6,
EVENTOUT
PB9
96
I/O
Default: PB9
Alternate: TIMER16_CH0, TIMER3_CH3, HPDF_DATAIN7,
I2C0_SDA, SPI1_NSS, I2S1_WS, I2C3_SDA,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More