Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GD32H757ZMT7 Fiches technique(PDF) 50 Page - GigaDevice Semiconductor (Beijing) Inc.

No de pièce GD32H757ZMT7
Description  Arm® Cortex®-M7 32-bit MCU
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Site Internet  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32H757ZMT7 Fiches technique(HTML) 50 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32H757ZMT7 Datasheet HTML 46Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 47Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 48Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 49Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 50Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 51Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 52Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 53Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 54Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 151 page
background image
GD32H757xx Datasheet
49
BGA100
Pin Name
Pins
Pin
Type(1)
I/O
Level(2)
Functions description
Additional: CMP1_IP1
PE12
J6
I/O
Default: PE12
Alternate: TIMER0_MCH2, HPDF_DATAIN5, SPI3_SCK,
SAI1_SCK1, EXMC_D9, CMP0_OUT, TLI_B4, EVENTOUT
PE13
K6
I/O
Default: PE13
Alternate: TIMER0_CH2, HPDF_CKIN5, SPI3_MISO,
SAI1_FS1, EXMC_D10, CMP1_OUT, TLI_DE, EVENTOUT
PE14
G7
I/O
Default: PE14
Alternate: TIMER0_CH3, SPI3_MOSI, SAI1_MCLK1,
EXMC_D11, TLI_PIXCLK, EVENTOUT
PE15
H7
I/O
Default: PE15
Alternate: TIMER0_BRKIN0, TLI_HSYNC, EXMC_D12,
CMP_MUX_OUT4, TLI_R7, EVENTOUT
PB10
J7
I/O
Default: PB10
Alternate: TIMER1_CH2, I2C1_SCL, SPI1_SCK, I2S1_CK,
HPDF_DATAIN7, USART2_TX, OSPIM_P0_CSN,
USBHS0_ULPI_D3, TRIGSEL_OUT2, TLI_G4, EVENTOUT
PB11
K7
I/O
Default: PB11
Alternate: TIMER1_CH3, I2C1_SDA, HPDF_CKIN7,
USART2_RX, USBHS0_ULPI_D4, ETH0_RMII_TX_EN,
TLI_G5, EVENTOUT
VCORE
F8
P
-
Default: VCORE
PB12
K8
I/O
5VT
Default: PB12
Alternate: TIMER0_BRKIN0, I2C1_SMBA, SPI1_NSS,
I2S1_WS, HPDF_DATAIN1, USART2_CK, CAN1_RX,
USBHS0_ULPI_D5, ETH0_RMII_TXD0, OSPIM_P0_IO0,
CMP_MUX_OUT2, UART4_RX, EVENTOUT
PB13
J8
I/O
5VT
Default: PB13
Alternate:
RTC_REFIN, TIMER0_MCH0, OSPIM_P0_IO2,
SPI1_SCK, I2S1_CK, HPDF_CKIN1, USART2_CTS,
CAN1_TX, USBHS0_ULPI_D6, ETH0_RMII_TXD1,
SDIO0_D0, DCI_D2, UART4_TX, EVENTOUT
PB14
H10
I/O
Default: PB14
Alternate: TIMER0_MCH1, TIMER7_MCH1, USART0_TX,
SPI1_MISO, HPDF_DATAIN2, USART2_RTS, USART2_DE,
UART3_RTS, UART3_DE, SDIO1_D0, EXMC_D10,
TRIGSEL_OUT1, TLI_PIXCLK, EVENTOUT
PB15
G10
I/O
Default: PB15
Alternate: RTC_REFIN, TIMER0_MCH2, TIMER7_MCH2,
USART0_RX, SPI1_MOSI, I2S1_SD, HPDF_CKIN2,
UART3_CTS, SDIO1_D1, EXMC_D11, TRIGSEL_OUT5,
TLI_G7, EVENTOUT
PD8
K9
I/O
Default: PD8
Alternate:
HPDF_CKIN3, USART2_TX, SAI1_CLK0,
RSPDIF_CH1, EXMC_D13, EVENTOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More