| Moteur de recherche de fiches techniques de composants électroniques |
|
GD32H757ZMT7 Fiches technique(PDF) 47 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
|
|||||||||||||||||||||||||||||
GD32H757ZMT7 Fiches technique(HTML) 47 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
47 / 151 page ![]() GD32H757xx Datasheet 46 BGA100 Pin Name Pins Pin Type(1) I/O Level(2) Functions description VBAT B2 P - Default: VBAT PC13 A2 I/O Default: PC13 Alternate: EVENTOUT Additional: RTC_TAMP0, RTC_TS, WKUP3, RTC_OUT PC14- OSC32IN A1 I/O Default: PC14 Alternate: EVENTOUT Additional: OSC32IN PC15- OSC32OU T B1 I/O Default: PC15 Alternate: EVENTOUT Additional: OSC32OUT PH0- OSCIN C1 I/O Default: PH0 Alternate: EVENTOUT Additional: OSCIN PH1- OSCOUT D1 I/O Default: PH1 Alternate: EVENTOUT Additional: OSCOUT NRST E1 - - Default: NRST PC0 F1 I/O Default: PC0 Alternate: EXMC_D12, HPDF_CKIN0, HPDF_DATAIN4, TIMER40_CH0, SAI1_FS1, EXMC_A25, USBHS0_ULPI_STP, TLI_G2, EXMC_SDNWE, TRIGSEL_IN8, TLI_R5, EVENTOUT Additional: ADC012_IN10 PC1 F2 I/O Default: PC1 Alternate: TRACED0, SAI0_DAT0, HPDF_DATAIN0, HPDF_CKIN4, SPI1_MOSI, I2S1_SD, SAI0_SD0, TIMER40_MCH0, SDIO1_CK, OSPIM_P0_IO4, ETH0_MDC, MDIO_MDC, TRIGSEL_IN9, TLI_G5, EVENTOUT Additional: ADC012_IN11, RTC_TAMP2, WKUP5 PC2_C E2 I/O Default: PC2_C(4) Additional: ADC2_IN0 PC3_C F3 I/O Default: PC3_C(4) Additional: ADC2_IN1 VDD K1 P - Default: VDD VSS J1 P - Default: VSS VSSA G1 P - Default: VSSA VDDA H1 P - Default: VDDA PA0 G2 I/O Default: PA0 Alternate: TIMER1_CH0, TIMER1_ETI, TIMER4_CH0, TIMER7_ETI, TIMER14_BRKIN0, SPI5_NSS, I2S5_WS, OSPIM_P0_IO6, USART1_CTS, UART3_TX, SDIO1_CMD, SAI1_SD1, EXMC_A19, TRIGSEL_IN0, EVENTOUT Additional: ADC0_IN16, WKUP0 PA1 H2 I/O Default: PA1 |