Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD4884BBCZ Fiches technique(PDF) 13 Page - Analog Devices

No de pièce AD4884BBCZ
Description  Dual-Channel 16-Bit, 20MSPS, SAR ADC with Analog Front End
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD4884BBCZ Fiches technique(HTML) 13 Page - Analog Devices

Back Button AD4884BBCZ Datasheet HTML 9Page - Analog Devices AD4884BBCZ Datasheet HTML 10Page - Analog Devices AD4884BBCZ Datasheet HTML 11Page - Analog Devices AD4884BBCZ Datasheet HTML 12Page - Analog Devices AD4884BBCZ Datasheet HTML 13Page - Analog Devices AD4884BBCZ Datasheet HTML 14Page - Analog Devices AD4884BBCZ Datasheet HTML 15Page - Analog Devices AD4884BBCZ Datasheet HTML 16Page - Analog Devices AD4884BBCZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 116 page
background image
Data Sheet
AD4884
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 13 of 116
Figure 3. Pin Configuration
Table 6. Pin Function Descriptions
Pin Number
Mnemonic
Type1
Description
A1, A2
IN2+ChB
AI
Channel B Positive Analog Input 2.
A3
IN1+ChB
AI
Channel B Positive Analog Input 1.
A4
IN1−ChB
AI
Channel B Negative Analog Input 1.
A5, A6
IN2−ChB
AI
Channel B Negative Analog Input 2.
A7, A14, F5, F7, A7, A14,
F5, F7, F12, F14, G1 to G3,
G8 to G10, H1, H8, J3 to
J6, J10 to J13, K3 to K5,
K10 to K12, L1, L3 to L5,
L8, L10 to L12, M1, M3 to
M5, M8, M10 to M12
GND
P
Grounds. All ground pins must be connected to a PCB GND plane.
A8, A9
IN2+ChA
AI
Channel A Positive Analog Input 2.
A10
IN1+ChA
AI
Channel A Positive Analog Input 1.
A11
IN1−ChA
AI
Channel A Negative Analog Input 1.
A12, A13
IN2−ChA
AI
Channel A Negative Analog Input 2.
B1, B2
IN3+ChB
AI
Channel B Positive Analog Input 3.
B3
SJ+ChB
AI
Channel B FDA Summing Junction Positive Node. Sensitive pin, see the Layout Guidelines section.
B4
SJ−ChB
AI
Channel B FDA Summing Junction Negative Node. Sensitive pin, see the Layout Guidelines section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More