Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD4884BBCZ Fiches technique(PDF) 33 Page - Analog Devices

No de pièce AD4884BBCZ
Description  Dual-Channel 16-Bit, 20MSPS, SAR ADC with Analog Front End
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD4884BBCZ Fiches technique(HTML) 33 Page - Analog Devices

Back Button AD4884BBCZ Datasheet HTML 29Page - Analog Devices AD4884BBCZ Datasheet HTML 30Page - Analog Devices AD4884BBCZ Datasheet HTML 31Page - Analog Devices AD4884BBCZ Datasheet HTML 32Page - Analog Devices AD4884BBCZ Datasheet HTML 33Page - Analog Devices AD4884BBCZ Datasheet HTML 34Page - Analog Devices AD4884BBCZ Datasheet HTML 35Page - Analog Devices AD4884BBCZ Datasheet HTML 36Page - Analog Devices AD4884BBCZ Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 116 page
background image
Data Sheet
AD4884
THEORY OF OPERATION
analog.com
Rev. 0 | 33 of 116
Table 10. Power Saving Operating Modes
Operating
Mode
OPERATING_MODES
Bits Value
Description
Effect
Wake-Up Time (Maximum
Time to Normal Mode)
Normal
0b00
Normal operating mode.
Normal operation.
N/A1
Standby
0b01
Standby operating mode.
The internal IOVDDChX LDO regulator is disabled.
100μs
If IOVDDChX is not externally supplied, all channel GPIOxChX, LVDS
data interface and SPI data interface signals are disabled. For the SPI
configuration interface, only writes to the device configuration register (see
the Device Configuration Register section) and Interface Configuration A
register (see the Interface Configuration A Register section) are allowed.
If IOVDDChX is externally supplied, all channel GPIOxChX and SPI data
interface signals are enabled. The SPI configuration interface is fully
enabled. Because the SPI data interface remains enabled, the user can
access data in the result FIFO (see the Result FIFO section).
The ADC core is powered down. The analog circuitry remains in reset
(ANA_RESET remains asserted), and no ADC conversions can be
performed.
The VDD33 supply can be removed to reduce power.
When in use, the internal VDD11ChX LDO regulator remains on.
The internal reference buffer is enabled.
Common-mode output buffer is enabled.
The LVDS interface is disabled.
Sleep
0b10
Low power operating
mode.
The internal IOVDDChX LDO regulator is disabled.
180μs
If IOVDDChX is not externally supplied, all GPIOxChX, LVDS data interface
and SPI data interface signals are disabled. For the SPI configuration
interface, only writes to the device configuration register (see the Device
Configuration Register section) and Interface Configuration A register (see
the Interface Configuration A Register section) are allowed.
If IOVDDChX is externally supplied, all GPIOxChX and SPI data interface
signals are enabled. The SPI configuration interface is fully enabled.
Because the SPI data interface remains enabled, the user can access data
in the result FIFO (see the Result FIFO section).
The ADC core is powered down. The analog circuitry remains in reset
(ANA_RESET remains asserted), and no ADC conversions can be
performed.
The VDD33 supply can be removed to reduce power.
The internal reference buffer is disabled.
When enabled, the internal VDD11ChX LDO regulator remains on.
The common-mode output buffer is disabled.
The LVDS interface is disabled.
The SPI data interface remains enabled to access data in the result FIFO
(see the Result FIFO section).
1 N/A means not applicable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com