Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD4884BBCZ Fiches technique(PDF) 29 Page - Analog Devices

No de pièce AD4884BBCZ
Description  Dual-Channel 16-Bit, 20MSPS, SAR ADC with Analog Front End
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD4884BBCZ Fiches technique(HTML) 29 Page - Analog Devices

Back Button AD4884BBCZ Datasheet HTML 25Page - Analog Devices AD4884BBCZ Datasheet HTML 26Page - Analog Devices AD4884BBCZ Datasheet HTML 27Page - Analog Devices AD4884BBCZ Datasheet HTML 28Page - Analog Devices AD4884BBCZ Datasheet HTML 29Page - Analog Devices AD4884BBCZ Datasheet HTML 30Page - Analog Devices AD4884BBCZ Datasheet HTML 31Page - Analog Devices AD4884BBCZ Datasheet HTML 32Page - Analog Devices AD4884BBCZ Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 116 page
background image
Data Sheet
AD4884
THEORY OF OPERATION
analog.com
Rev. 0 | 29 of 116
Figure 51. Typical Regulator Start-Up Transient, Converter Idle
The required connectivity when using the internal regulators is
shown in Figure 52. As shown in Figure 52, the three VDD11ChA
pins (G7, H7, and J7) must be shorted. It is recommended that
a thick trace or polygon on the device side of the PCB be used
to implement this connection in the physical design to minimize
routing impedance. The same shorting indications apply to the
VDD11ChB pins (G14, H14, and J14). The VDD33 rail must be
powered with an external 3.3V supply. To further minimize power
consumption, this supply can be removed when both channels have
been put in one of the power saving modes. When this supply is
removed, only analog circuity is held in reset, and the configuration
register content remains unaffected. For the applicable input volt-
age tolerance for each supply rail, see the Specifications section.
Figure 52. Internally Regulated (1.1V) Supply Configuration
The internally regulated configuration is ideal for use in area
constrained applications where the ability to eliminate external
regulators is advantageous. However, note that in this configuration
the internal regulators introduce additional power dissipation inside
AD4884.
EXTERNALLY GENERATED SUPPLY
CONFIGURATION
In systems using externally generated supplies, VDDLDO pins must
be left unconnected. With VDDLDO unconnected, all four internal
LDO regulators powering VDD11ChA, VDD11ChB, IOVDDDChA, and
IOVDDDChB are automatically disabled. VDD11ChA and VDD11ChB
must be externally supplied with 1.1 V, it is recommended to supply
both rails with the same source. IOVDDChA and IOVDDChA must
be externally supplied with 1.1V to 1.2V, it is recommended to
supply both rails with the same source. Note that if VDD11ChX is
not present, the corresponding ADC channel is held in a POR
state and all its registers reset to their default state after the
supply reestablishes. For more details on the POR circuitry, see the
Power-On Reset (POR) Monitor section. The VDD33 rail must be
powered with an external 3.3V supply. The VDD33 supply can be
removed to further reduce power when both channels are in one of
the two Power Saving Operating Modes, only analog circuity is held
in reset, and register contents remain unaffected. For the applicable
input voltage tolerance for each supply rail, see the Specifications
section.
As shown in the example of Figure 53, external voltage sources
are applied to VDD11ChA, VDD11ChB, IOVDDDChA, and IOVDDDChB
pins.
Figure 53. Externally Sourced Supply Configuration
POWER-ON RESET (POR) MONITOR
Each AD4884 channel has an independent power supply monitor-
ing circuit that inhibits the converter functions and resets the config-
uration memory when supply conditions are outside the specified
operating limits. This function ensures that the channel is in a deter-
ministic state after power-up. The power-on function is constructed
from two independent voltage monitors, the first measuring the core
1.1V supply (VDD11ChX) and a second measuring the voltage at
the reference input (REFIN). Each monitor has its own comparator
output that is used to decouple the analog and digital block resets,
as shown in Figure 54.
Figure 54. Simplified Diagram of POR Circuit (Shown for Channel A)
The core VDD (1.1V) supply monitor compares the VDD11ChX sup-
ply voltage against a preset threshold of 0.93V. If the supply voltage
falls to less than this threshold, a reset signal, POR_D, asserts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com