Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD4884BBCZ Fiches technique(PDF) 36 Page - Analog Devices

No de pièce AD4884BBCZ
Description  Dual-Channel 16-Bit, 20MSPS, SAR ADC with Analog Front End
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD4884BBCZ Fiches technique(HTML) 36 Page - Analog Devices

Back Button AD4884BBCZ Datasheet HTML 32Page - Analog Devices AD4884BBCZ Datasheet HTML 33Page - Analog Devices AD4884BBCZ Datasheet HTML 34Page - Analog Devices AD4884BBCZ Datasheet HTML 35Page - Analog Devices AD4884BBCZ Datasheet HTML 36Page - Analog Devices AD4884BBCZ Datasheet HTML 37Page - Analog Devices AD4884BBCZ Datasheet HTML 38Page - Analog Devices AD4884BBCZ Datasheet HTML 39Page - Analog Devices AD4884BBCZ Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 116 page
background image
Data Sheet
AD4884
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 36 of 116
Table 11. FDA Gain Options (Continued)
Gain
Differential Input
Voltage Range (V)
Input Signal Common-Mode
Range (+VS = 5V, −VS = −1V)
Required External
Shorting
FDA Stage Input
RG (Ω)
RIN,DIFF
(Ω)
RIN,SE
(Ω)
7.02
±0.43
−1.2V to +3.8V
IN1↔SJ
IN3±
(360 + 240) || 130 = 106.8
214
190
7.86
±0.38
−1.2V to +3.8V
IN1↔SJ, IN2↔IN3
IN2± or IN3±
(360 || 130) = 96
191
172
8.92
±0.34
−1.1V to +3.8V
IN1↔IN2↔SJ
IN3±
(240 || 130) = 84
169
153
10.98
±0.27
−1.1V to +3.7V
IN1↔IN3, IN2↔SJ
IN1± or IN3±
360 || 240 || 130 = 68.3
137
126
Figure 61. AD4884 Differential Input Configuration with Gain = 1.03, ±2.91V Input Range
Figure 62. AD4884 Differential Input Configuration with Gain = 1.25, ±2.40V Input Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com