Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD4884BBCZ Fiches technique(PDF) 10 Page - Analog Devices

No de pièce AD4884BBCZ
Description  Dual-Channel 16-Bit, 20MSPS, SAR ADC with Analog Front End
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD4884BBCZ Fiches technique(HTML) 10 Page - Analog Devices

Back Button AD4884BBCZ Datasheet HTML 6Page - Analog Devices AD4884BBCZ Datasheet HTML 7Page - Analog Devices AD4884BBCZ Datasheet HTML 8Page - Analog Devices AD4884BBCZ Datasheet HTML 9Page - Analog Devices AD4884BBCZ Datasheet HTML 10Page - Analog Devices AD4884BBCZ Datasheet HTML 11Page - Analog Devices AD4884BBCZ Datasheet HTML 12Page - Analog Devices AD4884BBCZ Datasheet HTML 13Page - Analog Devices AD4884BBCZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 116 page
background image
Data Sheet
AD4884
SPECIFICATIONS
analog.com
Rev. 0 | 10 of 116
TIMING SPECIFICATIONS
VDD33 = 3.3V ± 5%, VDDLDO = 1.5V to 2.7V, VDD11ChX = 1.1V ± 5%, IOVDDChX = 1.1V − 5% to 1.2V + 5%, VREFIN = 3.0V, fS = 20MHz, and
TA = TMIN to TMAX, unless otherwise noted.
Table 2. Timing Specifications
Parameter
Symbol
Min
Typ
Max
Unit
Sampling Frequency
fS
1.251
20
MHz
Conversion Time
tCONV
50
800
ns
Acquisition Phase
tACQ
tCYC
ns
Conversion Cycle Period
tCYC
tCONV
ns
LVDS Data Interface
Data Interface Clock Count
N
8
Active Data Lane Count
L
2
CNV±ChX High Time
tCNVH
tCLK
5 × tCLK
tCYC − tCNVL
ns
CNV±ChX Low Time
tCNVL
tCLK
5 × tCLK
tCYC − tCNVH
ns
CNV±ChX Edge to CLK± Rising Edge Alignment
tCCA
535
ps
CNV±ChX to Dx±ChX (MSB) Ready
tMSB
Gain Error Correction Enabled
20.5
22.4
ns
Gain Error Correction Disabled
15.7
18
ns
CLK±ChX Period
tCLK
6.25
tCYC × L/N
ns
CLK±ChX Frequency
fCLK
1/tCLK
160
MHz
CLK±ChX to Dx±ChX Delay
tCLKD
1
2.1
ns
CLK±ChX to DCO±ChX Delay (Echo Clock Mode)
tDCO
1
2
ns
DCO±ChX to Dx±ChX Delay (Echo Clock Mode)
tDCOD
0.02
1
ns
SPI Data Interface
Data Interface Clock Count, Single Conversion Result
M
24
Active Data Lane Count
C
1
4
Data Interface Chip-Select Falling Edge (DCSChX) to SDOBChX Data Valid tDEN
5
6
ns
Data Interface Clock Period (DCLKChX)
tDCK
20
ns
Data Interface Clock Low-Pulse Width (DCLKChX)
tDCKL
tDCK × 0.45
ns
Data Interface Clock High-Pulse Width (DCLKChX)
tDCLKH
tDCK × 0.45
ns
Data Interface Clock Falling Edge to Data Remains Valid Delay
tDHSDO
5
ns
Data Interface Clock Falling Edge to Data Valid Delay
tDDSDO
9.6
ns
DCLKChX Rising to Data Interface Chip Select Falling
tDCKEN
0
ns
Data Interface Chip-Select High to DCLK Disabled
tDCLKDIS
0
ns
Data Interface Chip-Select High Between Frames
tDCSMIN
(tDCKEN + tDCLKDIS) + 0.5 ×
tDCLK
ns
Serial Configuration Interface
SCLKChX Period
tSCK
20
ns
SCLKChX Low-Pulse Width
tSCKL
tSCK × 0.45
ns
SCLKChX High-Pulse Width
tSCKH
tSCK × 0.45
ns
SCLKChX Falling Edge to Data Remains Valid Delay
tHSDO
0.7
ns
SCLKChX Falling Edge to Data Valid Delay
tDSDO
14.5
ns
CSChX Falling Edge to SCLKChX
tCSSCK
0
ns
Last SCLK to CSChX Rising
tSCKCS
0
ns
SDIChX Valid Setup Time Before SCLKChX Rising Edge
tSSDI
1
ns
SDI Valid Hold Time After SCLK Rising Edge
tHSDI
0
ns
SCLK Rising to Data Interface Chip-Select Falling
tSCKEN
0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com