Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD4884BBCZ Fiches technique(PDF) 64 Page - Analog Devices

No de pièce AD4884BBCZ
Description  Dual-Channel 16-Bit, 20MSPS, SAR ADC with Analog Front End
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD4884BBCZ Fiches technique(HTML) 64 Page - Analog Devices

Back Button AD4884BBCZ Datasheet HTML 60Page - Analog Devices AD4884BBCZ Datasheet HTML 61Page - Analog Devices AD4884BBCZ Datasheet HTML 62Page - Analog Devices AD4884BBCZ Datasheet HTML 63Page - Analog Devices AD4884BBCZ Datasheet HTML 64Page - Analog Devices AD4884BBCZ Datasheet HTML 65Page - Analog Devices AD4884BBCZ Datasheet HTML 66Page - Analog Devices AD4884BBCZ Datasheet HTML 67Page - Analog Devices AD4884BBCZ Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 116 page
background image
Data Sheet
AD4884
DIGITAL INTERFACE
analog.com
Rev. 0 | 64 of 116
Echo Clock Mode
In LVDS data interface mode, the DCO+ChX and DCO−ChX pin
pair is an echo clock output that provides a buffered and de-
layed version of CLK+ChX and CLK−ChX pin pair, facilitating data
clocking to the host controller. This feature is controlled by the
LVDS_SELF_CLK_MODE bit in the ADC Data Interface Configura-
tion B register (see the ADC Data Interface Configuration B Regis-
ter section, Address 0x16). By default, echo clock mode is active
(LVDS_SELF_CLK_MODE = 0). Setting LVDS_SELF_CLK_MODE
= 1 disables the DCO+ChX and DCO−ChX output driver, putting the
device in self clock mode (see the Self Clock Mode section) .
When echo clock mode is active, the interface requires a mini-
mum of three LVDS pairs (CLK+ChX and CLK−ChX, DCO+ChX and
DCO−ChX, and DA+ChX and DA−ChX) to be connected between the
host controller and the AD4884. A maximum of five LVDS pairs
are required if the CNV+ChX and CNV−ChX pin pair is configured
as an LVDS input and the DB+ChX and DB−ChX data lane is
enabled. The conversion clock (CNV+ChX and CNV−ChX) and data
clock (CLK+ChX and CLK−ChX) can be shared amongst channels
or multiple AD4884 devices as long as care is taken to fanout
the clock network, such that the edge placement requirement is
satisfied.
In echo clock mode, data from enabled lanes is clocked out in
sync to both rising and falling edges of DCO+ChX and DCO−ChX
in a DDR scheme. Figure 110 and Figure 111 show the relevant
LVDS interface timing with respect to the DCO+ChX and DCO−ChX
echo clock for single and dual lane configurations, respectively.
Calculation of tMSB_READ is described in the ADC Result Latency
and LVDS Interface Alignment section.
Consider matching the data clock (DCO+ChX and DCO−ChX) and
data lane (DA+ChX and DA−ChX, DB+ChX and DB−ChX) lane routing
from the ADC to the host processor for the physical layout to mini-
mize timing skew, which may affect data recovery in the host. For
additional routing suggestions, see the Layout Guidelines section.
Figure 110. Continuous Conversion Timing, LVDS Data Interface, Single Data Lane, Echo Clock Mode
Figure 111. Continuous Conversion Timing, LVDS Data Interface, Dual Data Lane, Echo Clock Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com