Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD4884BBCZ Fiches technique(PDF) 63 Page - Analog Devices

No de pièce AD4884BBCZ
Description  Dual-Channel 16-Bit, 20MSPS, SAR ADC with Analog Front End
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD4884BBCZ Fiches technique(HTML) 63 Page - Analog Devices

Back Button AD4884BBCZ Datasheet HTML 59Page - Analog Devices AD4884BBCZ Datasheet HTML 60Page - Analog Devices AD4884BBCZ Datasheet HTML 61Page - Analog Devices AD4884BBCZ Datasheet HTML 62Page - Analog Devices AD4884BBCZ Datasheet HTML 63Page - Analog Devices AD4884BBCZ Datasheet HTML 64Page - Analog Devices AD4884BBCZ Datasheet HTML 65Page - Analog Devices AD4884BBCZ Datasheet HTML 66Page - Analog Devices AD4884BBCZ Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 116 page
background image
Data Sheet
AD4884
DIGITAL INTERFACE
analog.com
Rev. 0 | 63 of 116
LVDS DATA INTERFACE
LVDS Data Interface Configuration
The LVDS interface of each channel consists of up to five pairs
of differential signals. The data clock input pair (CLK+ChX and
CLK−ChX), echoed data clock output pair (DCO+ChX and DCO−ChX),
two data output lanes (DA+ChX and DA−ChX , DB+ChX and DB−ChX ),
and optionally, the conversion clock can be configured as either an
LVDS pair (CNV+ChX and CNV−ChX) or as a CMOS using CNV+ChX,
where for this case, CNV−ChX is connected to GND. This user
selection is configured using the LVDS_CNV_EN bit in the ADC
Data Interface Configuration B register (see the ADC Data Interface
Configuration B Register section, Address 0x16). The data lanes
use a DDR scheme, which allows a single lane at the maximum
interface clock speed of 160MHz to transfer the full maximum
throughput of 320Mbps of the channel. Dual lane can be enabled
to reduce interface clock speed and ease synchronization (see
the ADC Data Interface Configuration A Register section, Address
0x15). By default, LVDS with one active lane is selected as the
primary data interface for accessing conversion results.
To achieve maximum channel throughput, it is necessary that while
a conversion is performed the result of the previous conversion
is read. For this reason, it is critical that both the rising and
falling edges of CNV+ChX and CNV−ChX are closely time aligned
to the rising edge of CLK+ChX and CLK−ChX. To avoid introducing
noise into the conversion result, the CLK+ChX and CLK−ChX edge
placement must be aligned to within ±535 ps (tCCA) of the interface
clock (CLK±ChX), as specified in Table 2.
The data interface is highly configurable allowing the customization
of the output stream to meet a wide range of applications. Configu-
ration options include the number of active lanes (1, 2), self clocked
and echo clock modes, interface test functions, and data encoding.
LVDS interface mode is used in applications where continuous
conversion at channel sampling rates exceeding 1MHz is required.
Transmission of the result data occurs MSB first and is output after
the amount of time specified in detail in the ADC Result Latency
and LVDS Interface Alignment section.
LVDS Active Data Lane Count
The LVDS interface can be configured to output the result data on
either one or two data lanes, which is controlled for each channel
by the SPI_LVDS_LANES bit in their respective ADC Data Interface
Configuration A register (see the ADC Data Interface Configuration
A Register section, Address 0x15). By default, this bit is set to 0
(one lane active), and setting SPI_LVDS_LANES = 1 uses two data
lanes. Note that this bit is also used to configure the number of
active data lanes for the SPI.
In single lane operation, Data Lane A (DA+ChX and DA−ChX signal
pair) is enabled as the primary data output, and the conversion
result is shifted out serially, MSB first, using 8 interface clocks
applied to CLK+ChX and CLK−ChX inputs per conversion. The result
data is shifted out of the device on each edge of the echo clock
outputs, DCO+ChX and DCO−ChX. The result MSB (D15) and all odd
numbered data bits are output on the falling edge of the interface
clock. Conversely, the even numbered data bits are output on the
rising edge of the interface clock.
In dual lane configuration, the result data is shifted out in parallel,
2 bits per clock edge, MSBs first. As a result, only four interface
clock cycles are required per conversion. As the data access period
is equivalent to the conversion period, the interface clock frequency
is reduced by a factor of two relative to the single lane case. For
the timing and latency implications of having different clock periods
in the single lane and dual lane configurations, see the ADC Result
Latency and LVDS Interface Alignment section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com