Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD4884BBCZ Fiches technique(PDF) 67 Page - Analog Devices

No de pièce AD4884BBCZ
Description  Dual-Channel 16-Bit, 20MSPS, SAR ADC with Analog Front End
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD4884BBCZ Fiches technique(HTML) 67 Page - Analog Devices

Back Button AD4884BBCZ Datasheet HTML 63Page - Analog Devices AD4884BBCZ Datasheet HTML 64Page - Analog Devices AD4884BBCZ Datasheet HTML 65Page - Analog Devices AD4884BBCZ Datasheet HTML 66Page - Analog Devices AD4884BBCZ Datasheet HTML 67Page - Analog Devices AD4884BBCZ Datasheet HTML 68Page - Analog Devices AD4884BBCZ Datasheet HTML 69Page - Analog Devices AD4884BBCZ Datasheet HTML 70Page - Analog Devices AD4884BBCZ Datasheet HTML 71Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 116 page
background image
Data Sheet
AD4884
DIGITAL INTERFACE
analog.com
Rev. 0 | 67 of 116
to next CLK+ChX falling edge) to make the MSB available at the
interface output. This cycle is highlighted within Figure 115 also with
a notional tMSB_READ indicator for illustrative purposes only. Figure
116 similarly displays an example at 20MSPS conversion rate,
with gain error correction, 80MHz LVDS clock, dual lane, and the
minimal LVDS_CNV_CLK_CNT setting of 3 under these conditions.
Figure 115. Single Lane LVDS, Echo Clock Mode, LVDS_CNV_CLK_CNT Position Example
Figure 116. Dual Lane LVDS, Echo Clock Mode, LVDS_CNV_CLK_CNT Position Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More