Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD4884BBCZ Fiches technique(PDF) 116 Page - Analog Devices

No de pièce AD4884BBCZ
Description  Dual-Channel 16-Bit, 20MSPS, SAR ADC with Analog Front End
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD4884BBCZ Fiches technique(HTML) 116 Page - Analog Devices

Back Button AD4884BBCZ Datasheet HTML 108Page - Analog Devices AD4884BBCZ Datasheet HTML 109Page - Analog Devices AD4884BBCZ Datasheet HTML 110Page - Analog Devices AD4884BBCZ Datasheet HTML 111Page - Analog Devices AD4884BBCZ Datasheet HTML 112Page - Analog Devices AD4884BBCZ Datasheet HTML 113Page - Analog Devices AD4884BBCZ Datasheet HTML 114Page - Analog Devices AD4884BBCZ Datasheet HTML 115Page - Analog Devices AD4884BBCZ Datasheet HTML 116Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 116 / 116 page
background image
Data Sheet
AD4884
OUTLINE DIMENSIONS
Legal Terms and Conditions
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of
patents or other rights of third parties that may result from its use. Specifications subject to change without notice. No license is granted by implication or otherwise under any patent or
patent rights of Analog Devices. Trademarks and registered trademarks are the property of their respective owners. All Analog Devices products contained herein are subject to release and
availability.
analog.com
Rev. 0 | 116 of 116
ORDERING GUIDE
Model1
Temperature Range
Package Description
Packing Quantity
Package Option
AD4884BBCZ
−40°C to +85°C
CHIP SCALE BGA
Tray, 168
BC-196-20
AD4884BBCZ-RL
−40°C to +85°C
CHIP SCALE BGA
Reel, 1500
BC-196-20
AD4884BBCZ-RL7
−40°C to +85°C
CHIP SCALE BGA
Reel, 400
BC-196-20
1 Z = RoHS Compliant Part.
Updated: January 16, 2026
EVALUATION BOARDS
Evaluation Board1
Description
EVAL-AD4884-FMCZ
Evaluation Board
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com