Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VS1103B Fiches technique(PDF) 59 Page - List of Unclassifed Manufacturers

No de pièce VS1103B
Description  MIDI/ADPCM AUDIO CODEC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

VS1103B Fiches technique(HTML) 59 Page - List of Unclassifed Manufacturers

Back Button VS1103B Datasheet HTML 53Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 54Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 55Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 56Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 57Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 58Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 59Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 60Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 61Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 59 / 61 page
background image
VLSI
Solution
y
VS1103b
VS1103B
8. VS1103B REGISTERS
If the user has taken over the normal operation of the system by switching the pointer in UserCodec
to point to his own code, he may read data from the Data Interface through this and the following two
functions.
This function returns the number of data bytes that can be read.
8.14.4 GetDataByte(), 0x8
VS DSP C prototype:
u int16 GetDataByte(void);
Reads and returns one data byte from the Data Interface. This function will wait until there is enough
data in the input buffer.
8.14.5 GetDataWords(), 0xa
VS DSP C prototype:
void GetDataWords(register i0 y u int16 *d, register a0 u int16 n);
Read n data byte pairs and copy them in big-endian format (first byte to MSBs) to d. This function will
wait until there is enough data in the input buffer.
8.14.6 Reboot(), 0xc
VS DSP C prototype:
void Reboot(void);
Causes a software reboot, i.e. jump to the standard firmware without reinitializing the IRAM vectors.
This is NOT the same as the software reset function, which causes complete initialization.
Version 1.01, 2007-09-03
59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61