Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VS1103B Fiches technique(PDF) 57 Page - List of Unclassifed Manufacturers

No de pièce VS1103B
Description  MIDI/ADPCM AUDIO CODEC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

VS1103B Fiches technique(HTML) 57 Page - List of Unclassifed Manufacturers

Back Button VS1103B Datasheet HTML 53Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 54Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 55Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 56Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 57Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 58Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 59Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 60Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 61Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 57 / 61 page
background image
VLSI
Solution
y
VS1103b
VS1103B
8. VS1103B REGISTERS
8.13.5 TxInt, 0x24
Normally contains the following VS DSP assembly code:
jmpi EMPTY_INT_ADDRESS,(i6)+1
The user may, at will, replace the instruction with a jmpi command to gain control over the UART TX
interrupt.
8.13.6 RxInt, 0x25
Normally contains the following VS DSP assembly code:
jmpi RX_INT_ADDRESS,(i6)+1
The user may, at will, replace the first instruction with a jmpi command to gain control over the UART
RX interrupt.
8.13.7 Timer0Int, 0x26
Normally contains the following VS DSP assembly code:
jmpi EMPTY_INT_ADDRESS,(i6)+1
The user may, at will, replace the first instruction with a jmpi command to gain control over the Timer
0 interrupt.
8.13.8 Timer1Int, 0x27
Normally contains the following VS DSP assembly code:
jmpi EMPTY_INT_ADDRESS,(i6)+1
The user may, at will, replace the first instruction with a jmpi command to gain control over the Timer
1 interrupt.
Version 1.01, 2007-09-03
57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61