Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VS1103B Fiches technique(PDF) 47 Page - List of Unclassifed Manufacturers

No de pièce VS1103B
Description  MIDI/ADPCM AUDIO CODEC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

VS1103B Fiches technique(HTML) 47 Page - List of Unclassifed Manufacturers

Back Button VS1103B Datasheet HTML 43Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 44Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 45Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 46Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 47Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 48Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 49Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 50Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 51Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 61 page
background image
VLSI
Solution
y
VS1103b
VS1103B
8. VS1103B REGISTERS
8.7 GPIO Registers
GPIO registers, prefix GPIO
Reg
Type
Reset
Abbrev[bits]
Description
0xC017
rw
0
DDR[3:0]
Direction.
0xC018
r
0
IDATA[3:0]
Values read from the pins.
0xC019
rw
0
ODATA[3:0]
Values set to the pins.
GPIO DIR is used to set the direction of the GPIO pins. 1 means output. GPIO ODATA remembers its
values even if a GPIO DIR bit is set to input.
GPIO registers don’t generate interrupts.
Note that in VS1103b the VSDSP registers can be read and written through the SCI WRAMADDR and
SCI WRAM registers. You can thus use the GPIO pins quite conveniently.
Version 1.01, 2007-09-03
47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61