Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VS1103B Fiches technique(PDF) 18 Page - List of Unclassifed Manufacturers

No de pièce VS1103B
Description  MIDI/ADPCM AUDIO CODEC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

VS1103B Fiches technique(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button VS1103B Datasheet HTML 14Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 15Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 16Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 17Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 18Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 19Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 20Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 21Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 61 page
background image
VLSI
Solution
y
VS1103b
VS1103B
5. SPI BUSES
5.5.2 SCI Read
0
1
2
3
4
5
6
7
8
9
10 11 12 13
30 31
14 15 16 17
0
0
0
0
0
0
1
1
0
0
0
0
3
2
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
15 14
1
0
X
instruction (read)
address
data out
XCS
SCK
SI
SO
don’t care
don’t care
DREQ
execution
Figure 5: SCI Word Read
VS1103b registers are read from using the following sequence, as shown in Figure 5. First, XCS line is
pulled low to select the device. Then the READ opcode (0x3) is transmitted via the SI line followed by
an 8-bit word address. After the address has been read in, any further data on SI is ignored by the chip.
The 16-bit data corresponding to the received address will be shifted out onto the SO line.
XCS should be driven high after data has been shifted out.
DREQ is driven low for a short while when in a read operation by the chip. This is a very short time and
doesn’t require special user attention.
5.5.3 SCI Write
0
1
2
3
4
5
6
7
8
9
10 11 12 13
30 31
14 15 16 17
0
0
0
0
0
0
1
0
0
0
0
3
2
1
0
1
0
X
address
XCS
SCK
SI
15 14
data out
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
SO
0
0
0
0 X
0
instruction (write)
DREQ
execution
Figure 6: SCI Word Write
VS1103b registers are written from using the following sequence, as shown in Figure 6. First, XCS line
is pulled low to select the device. Then the WRITE opcode (0x2) is transmitted via the SI line followed
by an 8-bit word address.
Version 1.01, 2007-09-03
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61