Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VS1103B Fiches technique(PDF) 14 Page - List of Unclassifed Manufacturers

No de pièce VS1103B
Description  MIDI/ADPCM AUDIO CODEC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

VS1103B Fiches technique(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button VS1103B Datasheet HTML 10Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 11Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 12Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 13Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 14Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 15Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 16Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 17Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 61 page
background image
VLSI
Solution
y
VS1103b
VS1103B
4. PACKAGES AND PIN DESCRIPTIONS
Pin types:
Type
Description
DI
Digital input, CMOS Input Pad
DO
Digital output, CMOS Input Pad
DIO
Digital input/output
DO3
Digital output, CMOS Tri-stated Output Pad
AI
Analog input
Type
Description
AO
Analog output
AIO
Analog input/output
APWR
Analog power supply pin
DGND
Core or I/O ground pin
CPWR
Core power supply pin
IOPWR
I/O power supply pin
In BGA-49, no-connect balls are A7, B7, D4, E5, F1, G1.
In LQFP-48, no-connect pins are 11, 12, 25, 35, 36.
Version 1.01, 2007-09-03
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61