Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VS1103B Fiches technique(PDF) 58 Page - List of Unclassifed Manufacturers

No de pièce VS1103B
Description  MIDI/ADPCM AUDIO CODEC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

VS1103B Fiches technique(HTML) 58 Page - List of Unclassifed Manufacturers

Back Button VS1103B Datasheet HTML 53Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 54Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 55Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 56Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 57Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 58Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 59Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 60Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 61Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 58 / 61 page
background image
VLSI
Solution
y
VS1103b
VS1103B
8. VS1103B REGISTERS
8.13.9 UserCodec, 0x0
Normally contains the following VS DSP assembly code:
jr
nop
If the user wants to take control away from the standard decoder, the first instruction should be replaced
with an appropriate j command to user’s own code.
The system usually activates the user program in less than 1 ms. After this, the user should steal interrupt
vectors from the system, and insert user programs.
8.14 System Vector Functions
The System Vector Functions are pointers to some functions that the user may call to help implementing
his own applications.
8.14.1 WriteIRam(), 0x2
VS DSP C prototype:
void WriteIRam(register i0 u int16 *addr, register a1 u int16 msW, register a0 u int16 lsW);
This is the preferred way to write to the User Instruction RAM.
8.14.2 ReadIRam(), 0x4
VS DSP C prototype:
u int32 ReadIRam(register i0 u int16 *addr);
This is the preferred way to read from the User Instruction RAM.
A1 contains the MSBs and a0 the LSBs of the result.
8.14.3 DataBytes(), 0x6
VS DSP C prototype:
u int16 DataBytes(void);
Version 1.01, 2007-09-03
58



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61