Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VD66GY Fiches technique(PDF) 22 Page - STMicroelectronics

No de pièce VD66GY
Description  Compact, high-sensitive 1.5 megapixel color Bayer global shutter image sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD66GY Fiches technique(HTML) 22 Page - STMicroelectronics

Back Button VD66GY Datasheet HTML 18Page - STMicroelectronics VD66GY Datasheet HTML 19Page - STMicroelectronics VD66GY Datasheet HTML 20Page - STMicroelectronics VD66GY Datasheet HTML 21Page - STMicroelectronics VD66GY Datasheet HTML 22Page - STMicroelectronics VD66GY Datasheet HTML 23Page - STMicroelectronics VD66GY Datasheet HTML 24Page - STMicroelectronics VD66GY Datasheet HTML 25Page - STMicroelectronics VD66GY Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
7
Pixel performance
The information listed in this section is for typical parts at ambient temperature (Tj = 40°C).
7.1
Quantum efficiency
Each color pixel captures a certain wavelength range of visible light. They are respectively centered in the red
range, in the green range and in the blue range. Quantum efficiency (QE) is the percentage of incident photons
converted into electrons, representing the sensitivity of this color pixel.
Figure 13. VD66GY RGB QE
VD66GY
Pixel performance
DS13838 - Rev 7
page 22/37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37