Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VD66GY Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce VD66GY
Description  Compact, high-sensitive 1.5 megapixel color Bayer global shutter image sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD66GY Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button VD66GY Datasheet HTML 7Page - STMicroelectronics VD66GY Datasheet HTML 8Page - STMicroelectronics VD66GY Datasheet HTML 9Page - STMicroelectronics VD66GY Datasheet HTML 10Page - STMicroelectronics VD66GY Datasheet HTML 11Page - STMicroelectronics VD66GY Datasheet HTML 12Page - STMicroelectronics VD66GY Datasheet HTML 13Page - STMicroelectronics VD66GY Datasheet HTML 14Page - STMicroelectronics VD66GY Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
Contexts can be chained one to another in an ending or non-ending sequence.
Figure 6. Example of ending and non-ending multicontext sequence
3.4.11
Cropping
The host can accurately choose which area of the whole pixel array it receives. This reduces traffic on the CSI
interface and saves processing time.
3.4.12
Orientation
The sensor image can be horizontally (mirror) and/or vertically flipped, as illustrated in the following figure.
Figure 7. Image orientation
VD66GY
Functional description
DS13838 - Rev 7
page 11/37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37