Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VD66GY Fiches technique(PDF) 17 Page - STMicroelectronics

No de pièce VD66GY
Description  Compact, high-sensitive 1.5 megapixel color Bayer global shutter image sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD66GY Fiches technique(HTML) 17 Page - STMicroelectronics

Back Button VD66GY Datasheet HTML 13Page - STMicroelectronics VD66GY Datasheet HTML 14Page - STMicroelectronics VD66GY Datasheet HTML 15Page - STMicroelectronics VD66GY Datasheet HTML 16Page - STMicroelectronics VD66GY Datasheet HTML 17Page - STMicroelectronics VD66GY Datasheet HTML 18Page - STMicroelectronics VD66GY Datasheet HTML 19Page - STMicroelectronics VD66GY Datasheet HTML 20Page - STMicroelectronics VD66GY Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
Pin number
Bonding point X coordinate
Bonding point Y coordinate
Net name
41
1705.9
902
VCORE
42
1705.9
798.44
DGND
43
1705.9
694.87
LDO2V4
44
1705.9
591.29
VCORE
45
1705.9
487.73
DGND
46
1705.9
384.16
VDDIO
47
1705.9
280.58
GPIO3
48
1705.9
177.02
VCORE
49
1705.9
73.44
DGND
50
1705.9
-30.13
GPIO4
51
1705.9
-133.69
NC
52
1705.9
-237.26
VCORE
53
1705.9
-340.83
DGND
54
1705.9
-444.41
DGND
55
1705.9
-547.98
DGND
56
1705.9
-651.54
VCORE
57
1705.9
-755.12
AGND
58
1705.9
-858.69
GPIO5
59
1705.9
-962.25
GPIO6
60
1705.9
-1065.83
GPIO7
61
1705.9
-1169.39
VDDIO
62
1705.9
-1272.96
VANA
63
1705.9
-1376.54
LDO2V4
64
1705.9
-1480.11
DGND
65
1705.9
-1583.67
VCORE
66
1705.9
-1687.25
DGND
67
1705.9
-1790.82
CLKIN
68
1705.9
-1959.03
VDDIO
69
1611.63
-2065.9
DGND
70
1461.52
-2065.9
DGND
71
1357.95
-2065.9
VDDAMP
72
1254.38
-2065.9
VCORE
73
1150.81
-2065.9
DGND
74
1047.24
-2065.9
DGND
75
943.67
-2065.9
DATA2N
76
840.1
-2065.9
DATA2P
77
736.53
-2065.9
VDDAMP
78
632.96
-2065.9
CLKN
79
529.39
-2065.9
DGND
80
425.82
-2065.9
CLKP
81
322.25
-2065.9
VCORE
VD66GY
Pin description and assignment
DS13838 - Rev 7
page 17/37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37