Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VD66GY Fiches technique(PDF) 16 Page - STMicroelectronics

No de pièce VD66GY
Description  Compact, high-sensitive 1.5 megapixel color Bayer global shutter image sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD66GY Fiches technique(HTML) 16 Page - STMicroelectronics

Back Button VD66GY Datasheet HTML 12Page - STMicroelectronics VD66GY Datasheet HTML 13Page - STMicroelectronics VD66GY Datasheet HTML 14Page - STMicroelectronics VD66GY Datasheet HTML 15Page - STMicroelectronics VD66GY Datasheet HTML 16Page - STMicroelectronics VD66GY Datasheet HTML 17Page - STMicroelectronics VD66GY Datasheet HTML 18Page - STMicroelectronics VD66GY Datasheet HTML 19Page - STMicroelectronics VD66GY Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
Table 6. Pin coordinates
The pin coordinates (0, 0) are the die center
Pin number
Bonding point X coordinate
Bonding point Y coordinate
Net name
1
-1611.62
2065.9
VCPPOS_OUT
2
-1461.56
2065.9
VANA
3
-1357.52
2065.9
AGND
4
-1253.97
2065.9
DGND
5
-1150.42
2065.9
VCORE
6
-1046.87
2065.9
AGND
7
-943.32
2065.9
DGND
8
-839.77
2065.9
VCORE
9
-736.22
2065.9
VANA
10
-632.67
2065.9
VANA
11
-529.12
2065.9
AGND
12
-425.57
2065.9
VCORE
13
-322.02
2065.9
NC
14
-218.47
2065.9
VANA
15
-114.92
2065.9
NC
16
-11.37
2065.9
AGND
17
92.18
2065.9
VANA
18
195.73
2065.9
DGND
19
299.28
2065.9
VCORE
20
402.83
2065.9
DGND
21
506.38
2065.9
VANA
22
609.93
2065.9
AGND
23
713.48
2065.9
VANA
24
817.03
2065.9
AGND
25
920.62
2065.9
DGND
26
1024.17
2065.9
DGND
27
1127.77
2065.9
SDA
28
1231.32
2065.9
SCL
29
1334.87
2065.9
VCORE
30
1438.42
2065.9
XSHUTDOWN
31
1600.34
2065.9
VDDIO
32
1705.9
1969.53
NC
33
1705.9
1798.29
GPIO0
34
1705.9
1694.72
PORTST
35
1705.9
1591.15
DGND
36
1705.9
1487.58
GPIO1
37
1705.9
1316.29
GPIO2
38
1705.9
1212.71
DGND
39
1705.9
1109.14
VCORE
40
1705.9
1005.58
DGND
VD66GY
Pin description and assignment
DS13838 - Rev 7
page 16/37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37