Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VD66GY Fiches technique(PDF) 14 Page - STMicroelectronics

No de pièce VD66GY
Description  Compact, high-sensitive 1.5 megapixel color Bayer global shutter image sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD66GY Fiches technique(HTML) 14 Page - STMicroelectronics

Back Button VD66GY Datasheet HTML 10Page - STMicroelectronics VD66GY Datasheet HTML 11Page - STMicroelectronics VD66GY Datasheet HTML 12Page - STMicroelectronics VD66GY Datasheet HTML 13Page - STMicroelectronics VD66GY Datasheet HTML 14Page - STMicroelectronics VD66GY Datasheet HTML 15Page - STMicroelectronics VD66GY Datasheet HTML 16Page - STMicroelectronics VD66GY Datasheet HTML 17Page - STMicroelectronics VD66GY Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
4
Die specification
In the table below, the die dimensions are after sawing.
Table 4. Die dimensions
Description
North, (+y) µm
East, (+x) µm
South, (-y) µm
West, (-x) µm
Chip center
0.0
0.0
0.0
0.0
Optical center
—
-0.2
-17.80
—
First active pixel
1767.44
1471.84
-1803.04
-1472.24
First µlens
—
—
—
—
Inner edge of pad
2025.9
1665.9
-2025.9
-1665.9
Center of pad
2065.9
1705.9
-2065.9
-1705.9
Edge of chip
2184 ±10
1824 ±10
-2184 ±10
-1824 ±10
1/2 scribe width
50.0
50.0
50.0
50.0
Figure 10. Die mechanical dimensions (µm)
VD66GY
Die specification
DS13838 - Rev 7
page 14/37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37