| Moteur de recherche de fiches techniques de composants électroniques |
|
UPD17062 Fiches technique(PDF) 268 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD17062 Fiches technique(HTML) 268 Page - Renesas Technology Corp |
|
268 / 298 page ![]() 266 µPD17062 20.7.2 Vertical Start Position Setting Register If the vertical start position setting register contains 0H, the vertical start position is set 17 H (interlace) after the trailing edge of the vertical sync signal. Each time the vertical start position setting register is incremented by one, the vertical start position shifts down by 1 H; namely the following expression applies. Vertical start position = 17 H + 1 H × (vertical start position setting data) In Fig. 20-14, position A corresponds to the vertical position setting data 0H. When the vertical position setting data is changed to 1, the start position shifts down by 1 H, that is position B. (The solid lines indicate the screen when the vertical position setting data is 0, and the dotted lines, when the vertical position setting data is 1. Fig. 20-14 Vertical Shifting IDC image area 17 H after the trailing edge of the vertical sync signal A B |