| Moteur de recherche de fiches techniques de composants électroniques |
|
UPD17062 Fiches technique(PDF) 52 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD17062 Fiches technique(HTML) 52 Page - Renesas Technology Corp |
|
52 / 298 page ![]() 50 µPD17062 Table 7-1 ALU Operations ADD ADDC SUB SUBC OR AND XOR SKT SKF SKE SKNE SKGE SKLT LD ST MOV RORC r r, m m, #n4 r, m m, #n4 r, m m, #n4 r, m m, #n4 r, m m, #n4 r, m m, #n4 r, m m, #n4 m, #n m, #n m, #n4 m, #n4 m, #n4 m, #n4 r, m m, r m, #n4 @r, m m, @r 00 01 10 11 Instruction Operation difference due to program status word (PSWORD) Address modification Value of the BCD flag Value of the CMP flag Operation Operation of the CY flag Operation of the Z flag Index Memory pointer Optional (hold) Optional (hold) Optional (hold) Optional (hold) Optional (hold) Optional (hold) Optional (hold) Optional (hold) Optional (hold) Optional (reset) Binary operation The result is stored. Binary operation The result is not stored. Decimal operation The result is stored. Decimal operation The result is not stored. Not changed Not changed Not changed Not changed Not changed Set by a carry or borrow. Otherwise, the flag is reset. Retains the previous state. Retains the previous state. Retains the previous state. Retains the previous state. Retains the previous state. Retains the previous state. Retains the previous state. Retains the previous state. Value of b0 of the general- purpose register Retains the previous state. Set if the operation result is 0000B. Otherwise, the flag is reset. Set if the operation result is 0000B. Otherwise, the flag is reset. Retains the status if the operation result is 0000B. Otherwise, the flag is reset. Retains the status if the operation result is 0000B. Otherwise, the flag is reset. Provided Not provided Provided Not provided Provided Not provided Provided Provided Not provided Not provided Provided Not provided Not provided |