| Moteur de recherche de fiches techniques de composants électroniques |
|
UPD17062 Fiches technique(PDF) 87 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD17062 Fiches technique(HTML) 87 Page - Renesas Technology Corp |
|
87 / 298 page ![]() 85 µPD17062 9.22 P1BBIOn (35H) P1BBIOn specifies the PORT1B I/O. When P1BBIOn is set to 0, PORT1B becomes an input port. When P1BBIOn is set to 1, PORT1B becomes an output port. 9.23 P0BBIOn (36H) P0BBIOn specifies the PORT0B I/O. When P0BBIOn is set to 0, PORT0B becomes an input port. When P0BBIOn is set to 1, PORT0B becomes an output port. b3 b2 b1 b0 P0BBIO3 P0BBIO2 P0BBIO0 36H 0 1 P0BBIO1 P0B0 I/O setting 0 1 P0B1 I/O setting 0 1 P0B2 I/O setting 0 1 P0B3 I/O setting P0B0 input port P0B0 output port P0B1 input port P0B1 output port P0B2 input port P0B2 output port P0B3 input port P0B3 output port b3 b2 b1 b0 P1BBIO3 P1BBIO2 P1BBIO0 35H 0 1 P1BBIO1 P1B0 I/O setting 0 1 P1B1 I/O setting 0 1 P1B2 I/O setting 0 1 P1B3 I/O setting P1B0 input port P1B0 output port P1B1 input port P1B1 output port P1B2 input port P1B2 output port P1B3 input port P1B3 output port |