| Moteur de recherche de fiches techniques de composants électroniques |
|
UPD17062 Fiches technique(PDF) 269 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD17062 Fiches technique(HTML) 269 Page - Renesas Technology Corp |
|
269 / 298 page ![]() 267 µPD17062 The vertical start position of the display character is determined by the vertical start position register. At this point, the vertical start position (number of horizontal scan lines) depends on the state of the VSYNC and HSYNC signals supplied to the µPD17062, as shown in Fig. 20-15. In other words, the first HSYNC signal that comes after the VSYNC signal rises is counted as 1 H. Fig. 20-15 Counting the Vertical Start Position VSYNC HSYNC HSYNC # # $ $ % % Each circled number corresponds to the number of scan lines. |