| Moteur de recherche de fiches techniques de composants électroniques |
|
UPD17062 Fiches technique(PDF) 85 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD17062 Fiches technique(HTML) 85 Page - Renesas Technology Corp |
|
85 / 298 page ![]() 83 µPD17062 9.18 INTERRUPT PERMISSION FLAG (2FH) This flag is used to enable interrupt for each interrupt cause. When the flag is set to 1, interrupt is enabled. When the flag is set to 0, interrupt is disabled. 9.19 CROM BANK SELECTION (30H) b3 b2 b1 b0 IPSIO0 IPVSYN IPNC 2FH 0 1 IPBTM0 0 1 0 1 0 1 Interrupt from the INTNC pin disabled Interrupt from the INTNC pin enabled Interrupt from the clock timer disabled Interrupt from the clock timer enabled Interrupt from the VSYNC pin disabled Interrupt from the VSYNC pin enabled Interrupt from the serial interface disabled Interrupt from the serial interface enabled b3 b2 b1 b0 0 0 CROMBNK 30H 0 1 0 CROM address setting CROM address 0800H-0BFFH CROM address 0C00H-0F7FH |