Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPD17062 Fiches technique(PDF) 264 Page - Renesas Technology Corp

No de pièce UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Fiches technique(HTML) 264 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 260Page - Renesas Technology Corp UPD17062 Datasheet HTML 261Page - Renesas Technology Corp UPD17062 Datasheet HTML 262Page - Renesas Technology Corp UPD17062 Datasheet HTML 263Page - Renesas Technology Corp UPD17062 Datasheet HTML 264Page - Renesas Technology Corp UPD17062 Datasheet HTML 265Page - Renesas Technology Corp UPD17062 Datasheet HTML 266Page - Renesas Technology Corp UPD17062 Datasheet HTML 267Page - Renesas Technology Corp UPD17062 Datasheet HTML 268Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 298 page
background image
262
µPD17062
20.5.3
Defining Display Patterns with an Assembler
With the 17K series assembler, the DCP pseudo instruction can be used to define display patterns easily.
How to use the DCP pseudo instruction is described below.
(1) Instruction format
Symbol field
Mnemonic field
Operand field
Comment field
[Label:]
DCP
expression, ‘display pattern’
[; comment]
(2) Explanation
(a) The expression takes value 0 or 1. The display pattern written in the second operand specifies whether
to use rimming in the display pattern.
0 : No rimming
1 : Rimming
If the expression does not evaluate to 0 or 1, an error is reported.
(b) The display pattern definition consists of 10 characters and can include three different characters, O,
#, and “ “ (blank).
If the display pattern is specified with any other character type or more then 10 characters, an error
is reported. Each of these three character types corresponds to one dot and has the following
meaning:
O
: Bright dot
#
: Rimming
“ “ : Blank
When the expression in the first operand evaluates to 0, the display pattern cannot include #.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More