Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPD17062 Fiches technique(PDF) 99 Page - Renesas Technology Corp

No de pièce UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Fiches technique(HTML) 99 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 95Page - Renesas Technology Corp UPD17062 Datasheet HTML 96Page - Renesas Technology Corp UPD17062 Datasheet HTML 97Page - Renesas Technology Corp UPD17062 Datasheet HTML 98Page - Renesas Technology Corp UPD17062 Datasheet HTML 99Page - Renesas Technology Corp UPD17062 Datasheet HTML 100Page - Renesas Technology Corp UPD17062 Datasheet HTML 101Page - Renesas Technology Corp UPD17062 Datasheet HTML 102Page - Renesas Technology Corp UPD17062 Datasheet HTML 103Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 298 page
background image
97
µPD17062
10.5
Data Buffer and Peripheral Registers
Sections 10.5.1 to 10.5.7 describe the data buffer and the peripheral registers.
10.5.1
IDC Start Position Setting Register
Fig. 10-4 shows the functions of the IDC start position setting register.
The IDC start position setting register sets the IDC display start position.
Fig. 10-4
IDC Start Position Register Functions
DBF3
0CH
DBF2
0DH
DBF1
0EH
DBF0
0FH
b15 b14 b13 b12
b11 b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0
D7
D6
D5
D4
D3
D2
D1
D0
IDCORG
01H
Symbol
Peripheral
address
Peripheral hardware
IDC display position setting
Name
Peripheral register
Name
Data buffer
Symbol
Address
Bit
Data
Don't care
Don't care
Transfer data
GET
PUT
IDC start position
setting register
Valid data
Image display
controller
D7 to D4: Horizontal start position
D3 to D0: Vertical start position



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More