| Moteur de recherche de fiches techniques de composants électroniques |
|
TMF8828 Fiches technique(PDF) 28 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TMF8828 Fiches technique(HTML) 28 Page - OSRAM GmbH |
|
28 / 37 page ![]() Document Feedback TMF882X Using the EVM Software Demo Kit Manual • PUBLIC UG000495 • v6-00 • 2022-May-19 36 │ 27 Figure 24: Command Overview Command Code Parameter Example M Ignored (M0) Calibration Handling Control the EVM GUI Calibration Handling. Figure 25: Command Overview Command Code Parameter Example C 0 - Initiate new calibration, 1 - Clear calibration, 2 - Get calibration data The EVM GUI ignores all other parameter values (C2) Set Operation Mode Set the operation mode (the number of pixel rows). Figure 26: Command Overview Command Code Parameter Example P 0 – 3x3 1 – 4x4 2 – 3x6 3 – 8x8 The EVM GUI ignores all other parameter values (P0) |