Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMF8828 Fiches technique(PDF) 21 Page - OSRAM GmbH

No de pièce TMF8828
Description  EVM User Guide
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMF8828 Fiches technique(HTML) 21 Page - OSRAM GmbH

Back Button TMF8828 Datasheet HTML 17Page - OSRAM GmbH TMF8828 Datasheet HTML 18Page - OSRAM GmbH TMF8828 Datasheet HTML 19Page - OSRAM GmbH TMF8828 Datasheet HTML 20Page - OSRAM GmbH TMF8828 Datasheet HTML 21Page - OSRAM GmbH TMF8828 Datasheet HTML 22Page - OSRAM GmbH TMF8828 Datasheet HTML 23Page - OSRAM GmbH TMF8828 Datasheet HTML 24Page - OSRAM GmbH TMF8828 Datasheet HTML 25Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
Document Feedback
TMF882X
Using the EVM Software
Demo Kit Manual
• PUBLIC
UG000495
• v6-00 • 2022-May-19
36
│ 20
You can find the version of the current EVM GUI in the "About" dialog in the main menu
– “Help /
About Dialog
”. The EVM GUI also writes this information into the first lines of each generated log file.
Please refer to the separate documentation for the EVM GUI log file format for more details.
"Measurement" Box [11]
Figure 17:
Measurement Box
The controls in this box allow you to select one zone in the field of view. For this zone, the GUI
displays the current object data values.
●
"Zone" - select the zone you are interested in
●
“Dist 1." - distance to the first object in the selected zone (in mm)
●
"Conf 1." - confidence for the object detection of the first object in the selected zone
●
"Dist 2." and "Conf 2." provide the current data for the second object in the selected zone (in
mm)
The sensor did not detect objects if confidence 1 or 2 is equal zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37