| Moteur de recherche de fiches techniques de composants électroniques |
|
TMF8828 Fiches technique(PDF) 7 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TMF8828 Fiches technique(HTML) 7 Page - OSRAM GmbH |
|
7 / 37 page ![]() Document Feedback TMF882X Setting Up the EVM Demo Kit Manual • PUBLIC UG000495 • v6-00 • 2022-May-19 36 │ 6 Figure 3: EVM Without Enclosure – Front Side (TMF882X facing to table) The TMF882X is shown when placing the Raspberry PI Zero W on the backside (see Figure 4) Figure 4: EVM Without Enclosure – Back Side (TMF882X facing to ceiling) 2.1.1 Install the EVM USB Windows (one-time only) Whe n the EVM is plugged into the PC Windows should recognize the EVM as a “Removable Disk”. If your PC does not automatically install the necessary USB driver, the mountable drive contains USB drivers for both Windows and Mac. Install this necessary USB driver: ● ams_raspirndis_setup.exe This step is only necessary during first-time setup, but will need to be repeated if using the EVM software on a new PC. |