Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMF8828 Fiches technique(PDF) 6 Page - OSRAM GmbH

No de pièce TMF8828
Description  EVM User Guide
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMF8828 Fiches technique(HTML) 6 Page - OSRAM GmbH

Back Button TMF8828 Datasheet HTML 2Page - OSRAM GmbH TMF8828 Datasheet HTML 3Page - OSRAM GmbH TMF8828 Datasheet HTML 4Page - OSRAM GmbH TMF8828 Datasheet HTML 5Page - OSRAM GmbH TMF8828 Datasheet HTML 6Page - OSRAM GmbH TMF8828 Datasheet HTML 7Page - OSRAM GmbH TMF8828 Datasheet HTML 8Page - OSRAM GmbH TMF8828 Datasheet HTML 9Page - OSRAM GmbH TMF8828 Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
Document Feedback
TMF882X
Setting Up the EVM
Demo Kit Manual
• PUBLIC
UG000495
• v6-00 • 2022-May-19
36
│ 5
2
Setting Up the EVM
This section describes the setup steps necessary to start using the EVM software.
2.1
Setting Up the EVM Hardware
The ToF sensor enclosure is already assembled and ready to plug in to a PC. The EVM with the
enclosure exposes only one micro-USB connector:
Figure 2:
EVM with Enclosure
On EVMs without enclosure (or if the enclosure has been removed) plug in the micro-USB connector
to the USB connector closer to the center of the Raspberry PI Zero W board (see Figure 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37