Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMF8828 Fiches technique(PDF) 20 Page - OSRAM GmbH

No de pièce TMF8828
Description  EVM User Guide
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMF8828 Fiches technique(HTML) 20 Page - OSRAM GmbH

Back Button TMF8828 Datasheet HTML 16Page - OSRAM GmbH TMF8828 Datasheet HTML 17Page - OSRAM GmbH TMF8828 Datasheet HTML 18Page - OSRAM GmbH TMF8828 Datasheet HTML 19Page - OSRAM GmbH TMF8828 Datasheet HTML 20Page - OSRAM GmbH TMF8828 Datasheet HTML 21Page - OSRAM GmbH TMF8828 Datasheet HTML 22Page - OSRAM GmbH TMF8828 Datasheet HTML 23Page - OSRAM GmbH TMF8828 Datasheet HTML 24Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
Document Feedback
TMF882X
Using the EVM Software
Demo Kit Manual
• PUBLIC
UG000495
• v6-00 • 2022-May-19
36
│ 19
Select which histograms you are interested in with the controls in this box:
●
The "Reference" check box tells the GUI to display the optical reference histograms. The optical
path for this histogram is entirely within the sensor package. The target objects in the field of
view of the sensor do not influence this histogram.
●
The "Measurement" histograms show the reflected light from the objects in the field of view of
the sensor.
The Histogram "Snapshot" button allows the user to "freeze frame" the current histogram plot while
still plotting the measurement histograms concurrently. This gives you the ability examine two
histogram plots (one current, the other one a snapshot) at the same time in the histogram plotting
area. Releasing the "Snapshot" button deletes the saved snapshot histograms.
Information
The 8x8-histogram view is not enabled in the EVM GUI. It automatically hides this element in 8x8
mode.
Information
To get the fastest ranging time, disable all histogram display check boxes here.
"Information" Box [10]
Figure 16:
Information Box
This box contains information about the hardware and software in the EVM enclosure:
●
The serial number is the unique hardware ID of the TMF882X sensor
●
Below that you can find the revision of the embedded sensor firmware
●
The driver revision refers to the software on the controller board (a Raspberry Pi Zero W) in the
EVM enclosure
●
The TMF882X device chip revision
●
The revision of the Raspberry Pi Zero W binary file (see Section 3.5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37