| Moteur de recherche de fiches techniques de composants électroniques |
|
TMF8828 Fiches technique(PDF) 15 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TMF8828 Fiches technique(HTML) 15 Page - OSRAM GmbH |
|
15 / 37 page ![]() Document Feedback TMF882X Using the EVM Software Demo Kit Manual • PUBLIC UG000495 • v6-00 • 2022-May-19 36 │ 14 ● After all measurements are done you have to disable the check box "Save Data To File". Access to the log file with e.g. MS Excel is now possible. Please refer to the separate documentation for the EVM GUI log file format for more details. Information Be careful when logging with multiple data options selected over a long period. With all histograms enabled and continuous logging, the resulting log file can be in the gigabyte range for size in 1 – 2 hours. 3.1.6 Connection Status Indicators [5] Figure 10: Connection Status Indicators These are connection status indicators between the EVM GUI software and the TMF882X EVM software running in the enclosure. "Control HID" is the connection status with the enclosure software ● A red label indicates there is no working connection with the enclosure software. ● A green label means the connection is working "Module HID" is the connection status with the TMF882X demo software ● A red label indicates that there is a problem communicating with the TMF882X demo software or an internal software error. ● A green label means the TMF882X software connection is working A third indicator displays the type of the ToF sensor the EVM contains. Either “TMF8820”, “TMF8821”, or “TMF8828”. |