| Moteur de recherche de fiches techniques de composants électroniques |
|
TMF8828 Fiches technique(PDF) 19 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TMF8828 Fiches technique(HTML) 19 Page - OSRAM GmbH |
|
19 / 37 page ![]() Document Feedback TMF882X Using the EVM Software Demo Kit Manual • PUBLIC UG000495 • v6-00 • 2022-May-19 36 │ 18 3.2.2 Main Tab Controls "Histograms" Box [8] Figure 14: Histograms Box The controls in this box influence the display of the histograms in the histograms plot and the histogram matrix: ● Switch on the histogram legend with the check box "Show Legend". ● Enable automatic scaling for the Y-axis with the check box "Auto Scale Y axis". If this check box is disabled the histogram plots use the value of the check box "Y Axis" as maximum value. ● As default the histogram graphs are linear in x direction and y direction. You can change the scaling for the Y-axis to logarithmic. This allows to better observe very low values in the first few bins and in the (object and cross-talk) peak tails. Information The 8x8-histogram view is not enabled in the EVM GUI. It automatically hides this element in 8x8 mode. "Display" Box [9] Figure 15: Display Box |