| Moteur de recherche de fiches techniques de composants électroniques |
|
TMF8828 Fiches technique(PDF) 9 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TMF8828 Fiches technique(HTML) 9 Page - OSRAM GmbH |
|
9 / 37 page ![]() Document Feedback TMF882X Using the EVM Software Demo Kit Manual • PUBLIC UG000495 • v6-00 • 2022-May-19 36 │ 8 3 Using the EVM Software This section describes the operation and capabilities of the EVM Graphical User Interface (EVM GUI). Figure 5: EVM GUI Overview in 3x3, 3x6, and 4x4 Pixel Mode 1 Main Tab Selector (see section 3.1.2) 2 Histogram Display Selector (see section 3.1.3) 6 Distance Bar Chart (see section 3.2.1) 7 Histograms Plot (see section 3.2.1) 8 “Histograms” Box (see section 3.2.2) 3 “Control” Box (see section 3.1.4) 4 “Data Logging” Box (see section 3.1.5) 5 Connection Status Indicators (see section 3.1.6) 9 “Display” Box (see section 3.2.2) 10 “Information” Box (see section 3.2.2) 11 “Measurement” Box (see section 3.2.2) 1 2 3 4 5 6 7 8 9 10 11 |