| Moteur de recherche de fiches techniques de composants électroniques |
|
TMF8820 Fiches technique(PDF) 30 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TMF8820 Fiches technique(HTML) 30 Page - OSRAM GmbH |
|
30 / 37 page ![]() Document Feedback TMF882X Using the EVM Software Demo Kit Manual • PUBLIC UG000495 • v6-00 • 2022-May-19 36 │ 29 Number;Chip ID;Chip Revision #VER;4c-c0-00-00;2.49.4.2;2.4.23.0;2.6.2.19;8;0 #CAL;1594816397308;0;2;00;0B;03;00;01;FF;26;02;79;56;34;12;53;49;47;F7;6B;A2;07;00 ;6B;A2;07;00;6B;A2;07;00;6B;A2;07;00;6B;A2;07;00;6B;A2;07;00;6B;A2;07;00;6B;A2;07; 00;6B;A2;07;00;6B;A2;07;00;77;09;02;00;02;00;00;00;02;00;00;00;02;00;00;00;02;00;0 0;00;02;00;00;00;02;00;00;00;02;00;00;00;02;00;00;00;02;00;00;00;00;00;00;00;00;00 ;00;00;00;00;00;00;00;00;00;00;00;00;00;00;00;00;00;00;00;00;00;00;00;00;00;00;00; 00;00;00;00;00;00;00;00;00;00;00;00;00;00;00;00;00;00;00;00;00;00;00;00;00;00;00;0 0;00;00;00;00;00;00;00;00;00;00;00;00;00;00;00;00;00;00;00;00;00;00;00;00;00;00;00 ;00;00;00;00 Send the command (m0) - it executes one measurement and transfers the enabled histograms (removed all but one histogram). ● (m0) #TMP;1594816405200;207;33 #OBJ;1594816405203;207;3;3;1970;19;0;0;1938;42;0;0;1961;16;0;0;1947;49;0;0;1931;11 8;0;0;1944;47;0;0;1946;20;0;0;1929;38;0;0;1948;20;0;0;0;0;0;0;0;0;0;0;0;0;0;0;0;0; 0;0;0;0;0;0;0;0;0;0;0;0;0;0;0;0;0;0;0;0;0;0 #LIGHT;1594816405205;207;25079;199532;14146 #HLONG01;1500;1542;1452;1498;1425;1527;1513;1440;1533;1443;1502;1415;1423;1457;150 5;1429;1404;1432;1452;1440;1460;1439;1460;1405;1499;1358;1368;1379;1420;1392;1429; 1374;1420;1388;1413;1327;1341;1382;1346;1314;1369;1368;1397;1361;1292;1294;1261;12 99;1479;1778;1747;1572;1341;1317;1362;1270;1356;1235;1266;1324;1273;1314;1179;1283 ;1244;1231;1260;1294;1305;1275;1255;1253;1254;1243;1242;1281;1212;1231;1223;1230;1 205;1162;1179;1163;1246;1161;1164;1199;1205;1127;1232;1178;1120;1128;1176;1193;113 2;1122;1147;1180;1166;1171;1153;1108;1113;1129;1106;1113;1102;1082;1152;1113;1075; 1112;1098;1043;1021;1100;1130;1113;1145;1038;1148;1087;992;1064;1055;1028 #HOCAL0;28;22;39;36;28;31;33;22;28;19;36;23;23;28;13087;134440;51569;16061;8389;44 44;2898;1977;1544;1224;1006;876;727;618;509;403;341;292;222;192;153;125;85;77;49;5 2;47;30;34;32;33;22;25;22;22;18;22;14;17;11;14;23;17;12;23;15;22;10;19;11;13;16;19 ;15;22;13;19;15;13;15;20;16;19;14;11;9;19;18;16;9;14;17;26;16;18;15;23;13;11;12;23 ;19;14;23;21;20;17;16;15;17;10;22;9;11;19;17;22;16;7;16;17;11;17;8;14;14;12;17;21; 15;20;14;12;17 #ITT;1594816405325;550;6;1;2.5 m;3 x 3 Disable measurement histograms and trigger another measurement - send the command (m0) again: ● (m0) #TMP;1594816859466;251;38 #OBJ;1594816859470;251;3;3;1951;20;0;0;1939;42;0;0;1957;17;0;0;1942;47;0;0;1925;11 6;0;0;1943;41;0;0;1937;19;0;0;1929;36;0;0;1951;17;0;0;0;0;0;0;0;0;0;0;0;0;0;0;0;0; 0;0;0;0;0;0;0;0;0;0;0;0;0;0;0;0;0;0;0;0;0;0 #LIGHT;1594816859471;251;23091;184970;15377 #HOCAL0;33;27;33;26;15;28;30;31;32;26;21;32;26;32;13765;134106;50918;16168;8370;45 28;2876;2077;1535;1247;1031;844;704;575;484;437;327;286;244;171;159;151;89;82;67;4 |