Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMF8820 Fiches technique(PDF) 26 Page - OSRAM GmbH

No de pièce TMF8820
Description  EVM User Guide
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMF8820 Fiches technique(HTML) 26 Page - OSRAM GmbH

Back Button TMF8820 Datasheet HTML 22Page - OSRAM GmbH TMF8820 Datasheet HTML 23Page - OSRAM GmbH TMF8820 Datasheet HTML 24Page - OSRAM GmbH TMF8820 Datasheet HTML 25Page - OSRAM GmbH TMF8820 Datasheet HTML 26Page - OSRAM GmbH TMF8820 Datasheet HTML 27Page - OSRAM GmbH TMF8820 Datasheet HTML 28Page - OSRAM GmbH TMF8820 Datasheet HTML 29Page - OSRAM GmbH TMF8820 Datasheet HTML 30Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
Document Feedback
TMF882X
Using the EVM Software
Demo Kit Manual
• PUBLIC
UG000495
• v6-00 • 2022-May-19
36
│ 25
3.6
Automation of Measurements
3.6.1
Overview
The EVM firmware allows control through a separate (e.g. customer) program. The communication
link is achieved through TCP/IP using TCP port 39998 on the host where the EVM GUI is running.
●
To start the automation mode the automation host needs to open a TCP connection to
127.0.0.1 port 39998. To use 127.0.0.1 (localhost), the automation host must run on the same
machine as the EVM GUI. Once connected the GUI shows the following status:
Figure 21:
Status
●
After the connection is established, the EVM sends version and calibration information to the
automation host. This will look like this:
#VER;4c-c0-00-00;2.49.4.2;2.4.23.0;2.6.2.19;8;0
#CAL;1594814890830;0;2;00;0B;03;00;01;FF;26;02;79;56;34;12;53;49;47;F7;6B;A2;
07;00;6B;A2;07;00;6B;A2;07;00;6B;A2;07;00;6B;A2;07;00;6B;A2;07;00;6B;A2;07;00
;6B;A2;07;00;6B;A2;07;00;6B;A2;07;00;77;09;02;00;02;00;00;00;02;00;00;00;02;0
0;00;00;02;00;00;00;02;00;00;00;02;00;00;00;02;00;00;00;02;00;00;00;02;00;00;
00;00;00;00;00;00;00;00;00;00;00;00;00;00;00;00;00;00;00;00;00;00;00;00;00;00
;00;00;00;00;00;00;00;00;00;00;00;00;00;00;00;00;00;00;00;00;00;00;00;00;00;0
0;00;00;00;00;00;00;00;00;00;00;00;00;00;00;00;00;00;00;00;00;00;00;00;00;00;
00;00;00;00;00;00;00;00;00;00;00;00;00;00;00;00
●
The EVM GUI also sends header information for easy import of the log output into Microsoft
Excel. The header output is too long to include it here into this document.
●
To trigger a single measurement the automation host has to send the com
mand string “(m0)” to
the EVM GUI.
●
The EVM GUI sends all histograms the user selects with the checkboxes in the GUI. The
default is the "Measurement" histograms.
●
The protocol for the measurement data is described in the document
"TMF_8820_EVM_GUI_Logfile_Format.docx".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37