| Moteur de recherche de fiches techniques de composants électroniques |
|
TMF8820 Fiches technique(PDF) 23 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TMF8820 Fiches technique(HTML) 23 Page - OSRAM GmbH |
|
23 / 37 page ![]() Document Feedback TMF882X Using the EVM Software Demo Kit Manual • PUBLIC UG000495 • v6-00 • 2022-May-19 36 │ 22 You can set the maximum distance for this graph with the spin box in the "3D" box. The user can also choose to display the calculated object center in the field-of-view of the sensor with the check box “Show Object Center” and to show the detected objects in the individual zones with the check box “Show Zones”. Select “Confidence Instead of Distance” to display the object detection confidence for each individual zone. 3.4 EVM GUI "Interrupt" Tab Figure 19: Interrupt Tab This tab looks very much like the "3D" tab. The only difference here are the controls that allow setting parameters for object detection. ● Set the minimum and maximum distance for object detection with the corresponding spin boxes |