Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMF8820 Fiches technique(PDF) 7 Page - OSRAM GmbH

No de pièce TMF8820
Description  EVM User Guide
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMF8820 Fiches technique(HTML) 7 Page - OSRAM GmbH

Back Button TMF8820 Datasheet HTML 3Page - OSRAM GmbH TMF8820 Datasheet HTML 4Page - OSRAM GmbH TMF8820 Datasheet HTML 5Page - OSRAM GmbH TMF8820 Datasheet HTML 6Page - OSRAM GmbH TMF8820 Datasheet HTML 7Page - OSRAM GmbH TMF8820 Datasheet HTML 8Page - OSRAM GmbH TMF8820 Datasheet HTML 9Page - OSRAM GmbH TMF8820 Datasheet HTML 10Page - OSRAM GmbH TMF8820 Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
Document Feedback
TMF882X
Setting Up the EVM
Demo Kit Manual
• PUBLIC
UG000495
• v6-00 • 2022-May-19
36
│ 6
Figure 3:
EVM Without Enclosure
– Front Side (TMF882X facing to table)
The TMF882X is shown when placing the Raspberry PI Zero W on the backside (see Figure 4)
Figure 4:
EVM Without Enclosure
– Back Side (TMF882X facing to ceiling)
2.1.1
Install the EVM USB Windows (one-time only)
Whe
n the EVM is plugged into the PC Windows should recognize the EVM as a “Removable Disk”. If
your PC does not automatically install the necessary USB driver, the mountable drive contains USB
drivers for both Windows and Mac. Install this necessary USB driver:
●
ams_raspirndis_setup.exe
This step is only necessary during first-time setup, but will need to be repeated if using the EVM
software on a new PC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37