Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMF8820 Fiches technique(PDF) 27 Page - OSRAM GmbH

No de pièce TMF8820
Description  EVM User Guide
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMF8820 Fiches technique(HTML) 27 Page - OSRAM GmbH

Back Button TMF8820 Datasheet HTML 23Page - OSRAM GmbH TMF8820 Datasheet HTML 24Page - OSRAM GmbH TMF8820 Datasheet HTML 25Page - OSRAM GmbH TMF8820 Datasheet HTML 26Page - OSRAM GmbH TMF8820 Datasheet HTML 27Page - OSRAM GmbH TMF8820 Datasheet HTML 28Page - OSRAM GmbH TMF8820 Datasheet HTML 29Page - OSRAM GmbH TMF8820 Datasheet HTML 30Page - OSRAM GmbH TMF8820 Datasheet HTML 31Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
Document Feedback
TMF882X
Using the EVM Software
Demo Kit Manual
• PUBLIC
UG000495
• v6-00 • 2022-May-19
36
│ 26
3.6.2
Automation Interface Reference
These commands are simple strings the remote control programs sends to the GUI via the TCP/IP
connection. The GUI sends the command response back to the remote control program over the same
connection (socket).
Each command starts with an opening parenthesis "(". The GUI executes the command after the
remote control sends a closing parenthesis ")".
The first character in the command (after the opening parenthesis) is the command code. All
characters after that are the command parameter (until the closing parenthesis). Command codes are
case-insensitive.
e.g.: (I1000) sets the "Iterations [k]" spin box in the GUI to the value 1000.
Set Iterations
Sets the number of ToF measurement iterations ("Iterations [k]" spin box).
Figure 22:
Command Overview
Command Code
Parameter
Example
I
Number of iterations,
0 <= iterations <= 65535
(I1000)
Set Object Detection Threshold
Sets the object detection threshold ("Threshold" spin box).
Figure 23:
Command Overview
Command Code
Parameter
Example
T
Object detection threshold,
0 <= threshold <= 255
(T128)
Run Measurement
Run one GUI measurement and send the results to the remote control program via the TCP/IP
connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37