| Moteur de recherche de fiches techniques de composants électroniques |
|
TMF8820 Fiches technique(PDF) 8 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TMF8820 Fiches technique(HTML) 8 Page - OSRAM GmbH |
|
8 / 37 page ![]() Document Feedback TMF882X Setting Up the EVM Demo Kit Manual • PUBLIC UG000495 • v6-00 • 2022-May-19 36 │ 7 2.1.2 Installing the EVM Graphical User Interface The ToF EVM GUI software is included on the USB flash drive. Launch the Windows installer and choose the desired installation options. The EVM graphical user interface executable is titled TMF882X_EVM_GUI.exe. To check for newer versions of the ToF EVM GUI, see TMF882X-EVM. |