Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMF8820 Fiches technique(PDF) 15 Page - OSRAM GmbH

No de pièce TMF8820
Description  EVM User Guide
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMF8820 Fiches technique(HTML) 15 Page - OSRAM GmbH

Back Button TMF8820 Datasheet HTML 11Page - OSRAM GmbH TMF8820 Datasheet HTML 12Page - OSRAM GmbH TMF8820 Datasheet HTML 13Page - OSRAM GmbH TMF8820 Datasheet HTML 14Page - OSRAM GmbH TMF8820 Datasheet HTML 15Page - OSRAM GmbH TMF8820 Datasheet HTML 16Page - OSRAM GmbH TMF8820 Datasheet HTML 17Page - OSRAM GmbH TMF8820 Datasheet HTML 18Page - OSRAM GmbH TMF8820 Datasheet HTML 19Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 37 page
background image
Document Feedback
TMF882X
Using the EVM Software
Demo Kit Manual
• PUBLIC
UG000495
• v6-00 • 2022-May-19
36
│ 14
●
After all measurements are done you have to disable the check box "Save Data To File".
Access to the log file with e.g. MS Excel is now possible.
Please refer to the separate documentation for the EVM GUI log file format for more details.
Information
Be careful when logging with multiple data options selected over a long period. With all histograms
enabled and continuous logging, the resulting log file can be in the gigabyte range for size in 1
– 2
hours.
3.1.6
Connection Status Indicators [5]
Figure 10:
Connection Status Indicators
These are connection status indicators between the EVM GUI software and the TMF882X EVM
software running in the enclosure.
"Control HID" is the connection status with the enclosure software
●
A red label indicates there is no working connection with the enclosure software.
●
A green label means the connection is working
"Module HID" is the connection status with the TMF882X demo software
●
A red label indicates that there is a problem communicating with the TMF882X demo software
or an internal software error.
●
A green label means the TMF882X software connection is working
A third indicator
displays the type of the ToF sensor the EVM contains. Either “TMF8820”,
“TMF8821”, or “TMF8828”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37