| Moteur de recherche de fiches techniques de composants électroniques |
|
TMF8820 Fiches technique(PDF) 14 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TMF8820 Fiches technique(HTML) 14 Page - OSRAM GmbH |
|
14 / 37 page ![]() Document Feedback TMF882X Using the EVM Software Demo Kit Manual • PUBLIC UG000495 • v6-00 • 2022-May-19 36 │ 13 To initiate a new factory calibration you have to click on the "Calibrate" button. It is recommended to set “High performance mode” before starting the calibration. To clear the existing calibration data and to set the EVM back to the uncalibrated mode you have to click on the "Clear Calibration" button. Both calibration and clearing the calibration take approximately 1 - 2 seconds to complete. During this short time, the device is reset and all graphs will stop updating until the reset is complete. Information When performing factory calibration no object should be within 400 mm of the ToF sensor’s field of view and use low ambient light (avoid high IR content). “Enable De-Scattering” Check Box Enable this checkbox to apply a de-scattering software filter to remove ghost targets from the measurements results. “Short Range Mode” Check Box Enable this checkbox to switch to short-range mode. In short-range mode, the maximum measurement distance reduces, and the measurement accuracy for close objects is improved. Please have a look at the TMF882X datasheet for details about the short-range mode. 3.1.5 "Data Logging" Box [4] Figure 9: Data Logging Box To log measurement data to a file you need to: ● Click on the button "Select File" to select an existing log file or enter the file name for a new file. The EVM GUI then displays the log file name in the text field below. ● Enable the check box "Save Data To File". From now on the EVM GUI logs all measurement results and configuration changes to the selected log file. Please note that logging is only done on enabled objects – for full logging please enable histogram display. |