| Moteur de recherche de fiches techniques de composants électroniques |
|
HC705CT4GRS/D Fiches technique(PDF) 125 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705CT4GRS/D Fiches technique(HTML) 125 Page - NXP Semiconductors |
|
125 / 152 page ![]() Instruction Set Instruction Types MC68HC705CT4 — Rev. 2.0 General Release Specification MOTOROLA Instruction Set 125 Table 16-3. Jump and Branch Instructions Instruction Mnemonic Branch if Carry Bit Clear BCC Branch if Carry Bit Set BCS Branch if Equal BEQ Branch if Half-Carry Bit Clear BHCC Branch if Half-Carry Bit Set BHCS Branch if Higher BHI Branch if Higher or Same BHS Branch if IRQ Pin High BIH Branch if IRQ Pin Low BIL Branch if Lower BLO Branch if Lower or Same BLS Branch if Interrupt Mask Clear BMC Branch if Minus BMI Branch if Interrupt Mask Set BMS Branch if Not Equal BNE Branch if Plus BPL Branch Always BRA Branch if Bit Clear BRCLR Branch Never BRN Branch if Bit Set BRSET Branch to Subroutine BSR Unconditional Jump JMP Jump to Subroutine JSR Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |