| Moteur de recherche de fiches techniques de composants électroniques |
|
HC705CT4GRS/D Fiches technique(PDF) 18 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705CT4GRS/D Fiches technique(HTML) 18 Page - NXP Semiconductors |
|
18 / 152 page ![]() General Description General Release Specification MC68HC705CT4 — Rev. 2.0 18 General Description MOTOROLA Figure 1-1. MC68HC705CT4 Block Diagram OSC1 OSC2 RESET IRQ/VPP COP CPU M68HC705 CPU ALU CPU REGISTERS CONTROL PA0 PA1 PA2 PA3 PA4 PA5 PA6 PA7 OSCILLATOR RAM — 256 BYTES EPROM — 5136 BYTES SYSTEM VDD VSS ACCUMULATOR INDEX REGISTER STACK POINTER PROGRAM COUNTER CONDITION CODE REG PC0 PC1 PC2 PC3 PC4 PC5 PC6 PB0 PB1 PB2 PB3 PB4 PB5 PB6 PB7 ÷ 5 RX PLL SYNTH 16-BIT TIMER SYSTEM INTERNAL PROCESSOR CLOCK RxPDout FinR TX PLL SYNTH TxPDout FinT V DD2 V SS2 TCAP 60-MHz DUAL PLL PD1/CMP1– PD2/CMP12+ PD3/CMP2– PD4/SDIO PD5/SCK CORE TIMER SYSTEM PWM 10.24 MHz PD6/TCMP PC7/PWM PD0/CMP3+ ÷ 40 BOOT ROM — 240 BYTES Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |